Electronic Components Datasheet Search
  English  ▼

X  

ISO15170 Datasheet(PDF) 73 Page - ITT Industries

Part # ISO15170
Description  Cannon APD Series ISO 15170 Connectors
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ISO15170 Datasheet(HTML) 73 Page - ITT Industries

Back Button ISO15170 Datasheet HTML 69Page - ITT Industries ISO15170 Datasheet HTML 70Page - ITT Industries ISO15170 Datasheet HTML 71Page - ITT Industries ISO15170 Datasheet HTML 72Page - ITT Industries ISO15170 Datasheet HTML 73Page - ITT Industries ISO15170 Datasheet HTML 74Page - ITT Industries ISO15170 Datasheet HTML 75Page - ITT Industries ISO15170 Datasheet HTML 76Page - ITT Industries ISO15170 Datasheet HTML 77Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 79 page
background image
73
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
CannonAPD / ISO 15170 Connectors
PCB Connectors
The demand within the transportation & industrial
markets for direct PC board connections is increasing.
Solutions demanding space savings, reduction of
assembly costs or standardized assembly methods are
just a selection of reasons driving this trend.
PCB type connectors complement the offering of
crimp and solder cup type connections within the
APD product range.
APD connectors with PCB contacts can be offered for
most of our products shown in this catalog. This
chapter will provide a first impression of technical
features and benefits as well as examples of PCB
connector solution.
Technical Specifications
Technical Specifications
•
PCB contacts are useable in all non secondary lock versions
•
Increased long term stability – sealing against e.g. motor oil
•
Individual defintion of contact length – adaptation to application
•
Pre-assembled versions can be delivered - avoids additional harnessing work
•
Useable for printed flex board applications
•
Increases reliability (no harness errors)
•
Avoids additional harness costs and reduces complexity of total manufacturing process
Mechanical Data:
All PCB connectors are derived from standard APD lines and feature similar properties
Electrical Data:
Depends on exact design of contacts and requirements of solution, generally similar to
respective APD standard product
Environmental:
IP67 / IP69K with improved long term stability against fluids e.g. motor oil due to press-
in assembly into connector.
Resistance against fluids according to ISO 15170



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com