Electronic Components Datasheet Search
  English  ▼

X  

ISO15170 Datasheet(PDF) 41 Page - ITT Industries

Part # ISO15170
Description  Cannon APD Series ISO 15170 Connectors
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ISO15170 Datasheet(HTML) 41 Page - ITT Industries

Back Button ISO15170 Datasheet HTML 37Page - ITT Industries ISO15170 Datasheet HTML 38Page - ITT Industries ISO15170 Datasheet HTML 39Page - ITT Industries ISO15170 Datasheet HTML 40Page - ITT Industries ISO15170 Datasheet HTML 41Page - ITT Industries ISO15170 Datasheet HTML 42Page - ITT Industries ISO15170 Datasheet HTML 43Page - ITT Industries ISO15170 Datasheet HTML 44Page - ITT Industries ISO15170 Datasheet HTML 45Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 79 page
background image
41
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
CannonAPD / ISO 15170 Connectors
Tooling for 6/7-way
Quick Change Tool for above Crimp Machine: (MiniApplicator)
Contact / Socket
Designation
Order No.
(to be mentioned on order)
192900-0001
WWZ-Mecal-16-18-EVS
121586-5217
(0,75 - 1,5 mm
2)
Contact / Socket
Designation
Order No.
(to be mentioned on order)
192900-0000
WWZ-Mecal-16-18-EVS
121586-5217
(0,75 - 1,5 mm
2)
Contact Extraction Tool
Crimp and assembly Tools for press in contacts
Description
Order No.
Trident Extraction Tool
192922-1450
Wire Insulation Stripping length: 4,5 mm
Basic - Hand Crimp Tool
Order No.
M22520-1-01
995-0001-585
Turret
120190-0163
Insertion Tool
CIT-APD 16-TIP
317-8648-008
Hand Lever - Press
CHPZ-240
121586-0081
Ragged Tool
192990-7600
Hand Tool for formed (stamped contacts)
Contact Pin
Contact Socket
Designation
Order No.(to be mentioned on order)
192990-0100
192990-0110
CHT-Trident-16-18
121586-5237
192900-0446
192900-0450
CHT-Trident-16-18
121586-5237
192990-0060
192990-0070
CHT-Trident-16-18
121586-5237
192900-0002
192990-0003
CHT-Trident-16-18
121586-5237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com