Electronic Components Datasheet Search
  English  ▼

X  

ISO15170 Datasheet(PDF) 49 Page - ITT Industries

Part # ISO15170
Description  Cannon APD Series ISO 15170 Connectors
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ISO15170 Datasheet(HTML) 49 Page - ITT Industries

Back Button ISO15170 Datasheet HTML 45Page - ITT Industries ISO15170 Datasheet HTML 46Page - ITT Industries ISO15170 Datasheet HTML 47Page - ITT Industries ISO15170 Datasheet HTML 48Page - ITT Industries ISO15170 Datasheet HTML 49Page - ITT Industries ISO15170 Datasheet HTML 50Page - ITT Industries ISO15170 Datasheet HTML 51Page - ITT Industries ISO15170 Datasheet HTML 52Page - ITT Industries ISO15170 Datasheet HTML 53Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 79 page
background image
49
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
CannonAPD / ISO 15170 Connectors
Contacts / Seals, 19-way
CONTACTS
• Low contact resistance (max. 5m
Ω) for maximum signal integrity
• Current carrying capacity: 12A max.
• Machined press-in contacts. (other machined contacts available on request)
• Silver plating, please consult factory
1,2 - 1,6 mm
Red
121667-0024
1,4 - 2,0 mm
Grey
121667-0022
1,9 - 2,1 mm
Yellow
121667-0023
1,4 - 2,0 mm
White
121667-0025
Description
Insulation Diameter
Color
Part Number
Individual Wire Seals / Blind Seals
Single Wire Sealing
Blind Seal
Contacts
(stamped & formed) Plating Crimp
Range
Reeled (5000 pcs)
Loose Piece (bags of 100)
Designation
Part
number
Designation
Part
number
Socket contacts
tin
0,35 - 0,75 mm²
APK-SA16A07-002
121668-0221
APK-SA16A07-002-B
121668-0274
0,75 - 1,5 mm²
APK-SA16A15-002
121668-0202
APK-SA16A15-002-B
121668-0278
gold
(0,8 μm)
0,35 - 0,75 mm²
APK-SA16G07-002
121668-0270
APK-SA16G07-002-B
121668-0276
0,75 - 1,5 mm²
APK-SA16G15-002
121668-0272
APK-SA16G15-002-B
121668-0280
Pin contacts
tin
0,35 - 0,75 mm²
APK-PA16A07-002
121668-0252
APK-PA16A07-002-B
121668-0275
0,75 - 1,5 mm²
APK-PA16A15-002
121668-0253
APK-PA16A15-002-B
121668-0279
gold
(0,8 μm)
0,35 - 0,75 mm²
APK-PA16G07-002
121668-0269
APK-PA16G07-002-B
121668-0277
0,75 - 1,5 mm²
APK-PA16G15-002
121668-0271
APK-PA16G15-002-B
121668-0281
Contacts (machined) Plating
Crimp
Range
Reeled
Single piece
Designation
Part
number
Designation
Part
number
Pin contacts
tin
0,3 - 0,6 mm²
--
APK-PA16A06-E
Consult Factory
gold
(0,8 μm)
0,3 - 0,6 mm²
--
APK-PA16G06-E
Consult Factory
0,5 - 1,0 mm²
--
APK-PA16G10-E
Consult Factory
1,0 - 1,5 mm²
--
APK-PA16G15-E
Consult Factory
Press-In Contacts
For 19-way



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com