Electronic Components Datasheet Search
  English  ▼

X  

ADV7192 Datasheet(PDF) 53 Page - Analog Devices

Part # ADV7192
Description  Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7192 Datasheet(HTML) 53 Page - Analog Devices

Back Button ADV7192 Datasheet HTML 49Page - Analog Devices ADV7192 Datasheet HTML 50Page - Analog Devices ADV7192 Datasheet HTML 51Page - Analog Devices ADV7192 Datasheet HTML 52Page - Analog Devices ADV7192 Datasheet HTML 53Page - Analog Devices ADV7192 Datasheet HTML 54Page - Analog Devices ADV7192 Datasheet HTML 55Page - Analog Devices ADV7192 Datasheet HTML 56Page - Analog Devices ADV7192 Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 69 page
background image
ADV7192
–53–
REV. 0
APPENDIX 8
RECOMMENDED REGISTER VALUES
NTSC (FSC = 3.5795454 MHz)
Address
Data
00Hex
Mode Register 0
10Hex
01Hex
Mode Register 1
3FHex
02Hex
Mode Register 2
62Hex
03Hex
Mode Register 3
00Hex
04Hex
Mode Register 4
00Hex
05Hex
Mode Register 5
00Hex
06Hex
Mode Register 6
00Hex
07Hex
Mode Register 7
00Hex
08Hex
Mode Register 8
04Hex
09Hex
Mode Register 9
00Hex
0AHex
Timing Register 0
08Hex
0BHex
Timing Register 1
00Hex
0CHex
Subcarrier Frequency Register 0
16Hex
0DHex
Subcarrier Frequency Register 1
7CHex
0EHex
Subcarrier Frequency Register 2
F0Hex
0FHex
Subcarrier Frequency Register 3
21Hex
10Hex
Subcarrier Phase Register
00Hex
11Hex
Closed Captioning Ext Register 0
00Hex
12Hex
Closed Captioning Ext Register 1
00Hex
13Hex
Closed Captioning Register 0
00Hex
14Hex
Closed Captioning Register 1
00Hex
15Hex
Pedestal Control Register 0
00Hex
16Hex
Pedestal Control Register 1
00Hex
17Hex
Pedestal Control Register 2
00Hex
18Hex
Pedestal Control Register 3
00Hex
19Hex
CGMS_WSS Reg 0
00Hex
1AHex
CGMS_WSS Reg 1
00Hex
1BHex
CGMS_WSS Reg 2
00Hex
1CHex
Teletext Control Register
00Hex
1DHex
Contrast Control Register
00Hex
1EHex
Color Control Register 1
00Hex
1FHex
Color Control Register 2
00Hex
20Hex
Hue Control Register
00Hex
21Hex
Brightness Control Register
00Hex
22Hex
Sharpness Response Register
00Hex
23Hex
DNR 0
44Hex
24Hex
DNR 1
20Hex
25Hex
DNR 2
00Hex
35Hex
Output Clock Register
70Hex
PAL B, D, G, H, I (FSC = 4.43361875 MHz)
Address
Data
00Hex
Mode Register 0
11Hex
01Hex
Mode Register 1
3FHex
02Hex
Mode Register 2
62Hex
03Hex
Mode Register 3
00Hex
04Hex
Mode Register 4
00Hex
05Hex
Mode Register 5
00Hex
06Hex
Mode Register 6
00Hex
07Hex
Mode Register 7
00Hex
08Hex
Mode Register 8
04Hex
09Hex
Mode Register 9
00Hex
0AHex
Timing Register 0
08Hex
0BHex
Timing Register 1
00Hex
0CHex
Subcarrier Frequency Register 0
CBHex
0DHex
Subcarrier Frequency Register 1
8AHex
0EHex
Subcarrier Frequency Register 2
09Hex
0FHex
Subcarrier Frequency Register 3
2AHex
10Hex
Subcarrier Phase Register
00Hex
11Hex
Closed Captioning Ext Register 0
00Hex
12Hex
Closed Captioning Ext Register 1
00Hex
13Hex
Closed Captioning Register 0
00Hex
14Hex
Closed Captioning Register 1
00Hex
15Hex
Pedestal Control Register 0
00Hex
16Hex
Pedestal Control Register 1
00Hex
17Hex
Pedestal Control Register 2
00Hex
18Hex
Pedestal Control Register 3
00Hex
19Hex
CGMS_WSS Reg 0
00Hex
1AHex
CGMS_WSS Reg 1
00Hex
1BHex
CGMS_WSS Reg 2
00Hex
1CHex
Teletext Control Register
00Hex
1DHex
Contrast Control Register
00Hex
1EHex
Color Control Register 1
00Hex
1FHex
Color Control Register 2
00Hex
20Hex
Hue Control Register
00Hex
21Hex
Brightness Control Register
00Hex
22Hex
Sharpness Response Register
00Hex
23Hex
DNR0
44Hex
24Hex
DNR1
20Hex
25Hex
DNR2
00Hex
35Hex
Output Clock Register
70Hex
The ADV7192 registers can be set depending on the user standard required. The following examples give the various register for-
mats for several video standards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com