Electronic Components Datasheet Search
  English  ▼

X  

ADV7192 Datasheet(PDF) 30 Page - Analog Devices

Part # ADV7192
Description  Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7192 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADV7192 Datasheet HTML 26Page - Analog Devices ADV7192 Datasheet HTML 27Page - Analog Devices ADV7192 Datasheet HTML 28Page - Analog Devices ADV7192 Datasheet HTML 29Page - Analog Devices ADV7192 Datasheet HTML 30Page - Analog Devices ADV7192 Datasheet HTML 31Page - Analog Devices ADV7192 Datasheet HTML 32Page - Analog Devices ADV7192 Datasheet HTML 33Page - Analog Devices ADV7192 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 69 page
background image
ADV7192
–30–
REV. 0
MODE REGISTER 0
MR0 (MR07–MR00)
(Address (SR4–SR0) = 00H)
Figure 56 shows the various operations under the control of
Mode Register 0.
MR0 BIT DESCRIPTION
Output Video Standard Selection Control (MR00–MR01)
These bits are used to set up the encoder mode. The ADV7192
can be set up to output NTSC, PAL (B, D, G, H, I), PAL M or
PAL N standard video.
Luminance Filter Select (MR02–MR04)
These bits specify which luma filter is to be selected. The filter
selection is made independent of whether PAL or NTSC is
selected.
Chrominance Filter Select (MR05–MR07)
These bits select the chrominance filter. A low-pass filter can be
selected with a choice of cutoff frequencies (0.65 MHz, 1.0 MHz,
1.3 MHz, 2 MHz, or 3 MHz) along with a choice of CIF or
QCIF filters.
MODE REGISTER 1
MR1 (MR17–MR10)
(Address (SR4–SR0) = 01H)
Figure 57 shows the various operations under the control of
Mode Register 1.
MR1 BIT DESCRIPTION
DAC Control (MR10–MR15)
Bits MR15–MR10 can be used to power-down the DACs. This are
used to reduce the power consumption of the ADV7192 or if any
of the DACs are not required in the application.
4
Oversampling Control (MR16)
To enable 4
× Oversampling this bit has to be set to 1. When
enabled, the data is output at a frequency of 54 MHz.
Note that PLL Enable Control has to be enabled (MR61 = 0) in
4
× Oversampling mode. An external VREF is not recommended
in that mode.
Reserved (MR17)
A Logical 0 must be written to this bit.
MR07
MR06
MR05
MR04
MR03
MR02
MR01
MR00
CHROMA FILTER SELECT
0
0
0
1.3 MHz LOW-PASS FILTER
0
0
1
0.65 MHz LOW-PASS FILTER
0
1
0
1.0 MHz LOW-PASS FILTER
0
1
1
2.0 MHz LOW-PASS FILTER
1
0
0
RESERVED
1
0
1
CIF
1
1
0
QCIF
1
1
1
3.0 MHz LOW-PASS FILTER
MR07 MR06 MR05
MR04 MR03 MR02
LUMA FILTER SELECT
0
0
0
LOW-PASS FILTER (NTSC)
0
0
1
LOW-PASS FILTER (PAL)
0
1
0
NOTCH FILTER (NTSC)
0
1
1
NOTCH FILTER (PAL)
1
0
0
EXTENDED MODE
1
0
1
CIF
1
1
0
QCIF
1
1
1
RESERVED
MR01 MR00
0
0
NTSC
0
1
PAL (B, D, G, H, I)
1
0
PAL (M)
1
1
PAL (N)
OUTPUT VIDEO
STANDARD SELECTION
Figure 56. Mode Register 0, MR0
MR17
MR16
MR15
MR14
MR13
MR12
MR11
MR10
DAC A
DAC CONTROL
0
POWER-DOWN
1
NORMAL
MR15
DAC C
DAC CONTROL
0
POWER-DOWN
1
NORMAL
MR13
DAC E
DAC CONTROL
0
POWER-DOWN
1
NORMAL
MR11
4
OVERSAMPLING
CONTROL
02
OVERSAMPLING
14
OVERSAMPLING
MR16
DAC B
DAC CONTROL
0
POWER-DOWN
1
NORMAL
MR14
DAC D
DAC CONTROL
0
POWER-DOWN
1
NORMAL
MR12
DAC F
DAC CONTROL
0
POWER-DOWN
1
NORMAL
MR10
MR17
ZERO MUST
BE WRITTEN
TO THIS BIT
Figure 57. Mode Register 1, MR1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com