Electronic Components Datasheet Search
  English  ▼

X  

ADV7192 Datasheet(PDF) 25 Page - Analog Devices

Part # ADV7192
Description  Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7192 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADV7192 Datasheet HTML 21Page - Analog Devices ADV7192 Datasheet HTML 22Page - Analog Devices ADV7192 Datasheet HTML 23Page - Analog Devices ADV7192 Datasheet HTML 24Page - Analog Devices ADV7192 Datasheet HTML 25Page - Analog Devices ADV7192 Datasheet HTML 26Page - Analog Devices ADV7192 Datasheet HTML 27Page - Analog Devices ADV7192 Datasheet HTML 28Page - Analog Devices ADV7192 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 69 page
background image
ADV7192
–25–
REV. 0
Mode 1: Master Option HSYNC, BLANK, FIELD
(Timing Register 0 TR0 = X X X X X 0 1 1)
In this mode the ADV7192 can generate Horizontal SYNC and Odd/Even FIELD signals. A transition of the FIELD input when
HSYNC is low indicates a new frame i.e., Vertical Retrace. The BLANK signal is optional. When the BLANK input is disabled the
ADV7192 automatically blanks all normally blank lines as per CCIR-624. Pixel data is latched on the rising clock edge following the
timing signal transitions. Mode 1 is illustrated in Figure 43 (NTSC) and Figure 44 (PAL). Figure 45 illustrates the HSYNC, BLANK and
FIELD for an odd or even field transition relative to the pixel data.
FIELD
PIXEL
DATA
PAL = 12
CLOCK/2
NTSC = 16
CLOCK/2
Cb
Y
Cr
Y
HSYNC
BLANK
PAL = 132
CLOCK/2
NTSC = 122
CLOCK/2
Figure 45. Timing Mode 1 Odd/Even Field Transitions Master/Slave
Mode 2: Slave Option HSYNC, VSYNC, BLANK
(Timing Register 0 TR0 = X X X X X 1 0 0)
In this mode the ADV7192 accepts Horizontal and Vertical SYNC signals. A coincident low transition of both HSYNC and VSYNC
inputs indicates the start of an Odd Field. A VSYNC low transition when HSYNC is high indicates the start of an Even Field.
The BLANK signal is optional. When the BLANK input is disabled the ADV7192 automatically blanks all normally blank lines
as per CCIR-624. Mode 2 is illustrated in Figure 46 (NTSC) and Figure 47 (PAL).
522
523
524
525
123
4
5
67
8
9
10
11
20
21
22
DISPLAY
DISPLAY
VERTICAL BLANK
ODD FIELD
EVEN FIELD
HSYNC
BLANK
VSYNC
260
261
262
263
264
265
266
267
268
269
270
271
272
273
274
283
284
285
ODD FIELD
EVEN FIELD
DISPLAY
DISPLAY
VERTICAL BLANK
HSYNC
BLANK
VSYNC
Figure 46. Timing Mode 2, NTSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com