Electronic Components Datasheet Search
  English  ▼

X  

ADV7192 Datasheet(PDF) 68 Page - Analog Devices

Part # ADV7192
Description  Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7192 Datasheet(HTML) 68 Page - Analog Devices

Back Button ADV7192 Datasheet HTML 61Page - Analog Devices ADV7192 Datasheet HTML 62Page - Analog Devices ADV7192 Datasheet HTML 63Page - Analog Devices ADV7192 Datasheet HTML 64Page - Analog Devices ADV7192 Datasheet HTML 65Page - Analog Devices ADV7192 Datasheet HTML 66Page - Analog Devices ADV7192 Datasheet HTML 67Page - Analog Devices ADV7192 Datasheet HTML 68Page - Analog Devices ADV7192 Datasheet HTML 69Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 68 / 69 page
background image
ADV7192
–68–
REV. 0
APPENDIX 10
VECTOR PLOTS
APL = 39.6%
SOUND IN SYNC OFF
V
U
YI
yl
G
r
m
g
Cy
M
g
cy
g
R
75%
100%
b
B
SYSTEM LINE L608
ANGLE (DEG) 0.0
GAIN
1.000 0.000dB
625 LINE PAL
BURST FROM SOURCE
DISPLAY +V AND –V
Figure 146. PAL Vector Plot
APL = 45.1%
SETUP 7.5%
R-Y
B-Y
YI
G
Cy
M
g
cy
I
R
75%
100%
b
B
SYSTEM LINE L76F1
ANGLE (DEG) 0.0
GAIN
1.000 0.000dB
525 LINE NTSC
BURST FROM SOURCE
Q
–Q
–I
Figure 147. NTSC Vector Plot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com