Electronic Components Datasheet Search
  English  ▼

X  

ADV7192 Datasheet(PDF) 69 Page - Analog Devices

Part # ADV7192
Description  Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7192 Datasheet(HTML) 69 Page - Analog Devices

Back Button ADV7192 Datasheet HTML 61Page - Analog Devices ADV7192 Datasheet HTML 62Page - Analog Devices ADV7192 Datasheet HTML 63Page - Analog Devices ADV7192 Datasheet HTML 64Page - Analog Devices ADV7192 Datasheet HTML 65Page - Analog Devices ADV7192 Datasheet HTML 66Page - Analog Devices ADV7192 Datasheet HTML 67Page - Analog Devices ADV7192 Datasheet HTML 68Page - Analog Devices ADV7192 Datasheet HTML 69Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 69 / 69 page
background image
ADV7192
–69–
REV. 0
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
80-Lead LQFP
(ST-80)
TOP VIEW
(PINS DOWN)
1
20
21
41
40
60
61
80
0.640 (16.25)
0.620 (15.75)
SQ
0.553 (14.05)
0.549 (13.95)
SQ
0.014 (0.35)
0.010 (0.25)
0.029 (0.73)
0.022 (0.57)
0.486
(12.35)
TYP
SQ
0.063 (1.60)
MAX
0.030 (0.75)
0.020 (0.50)
SEATING
PLANE
0.006 (0.15)
0.002 (0.05)
0.004 (0.10)
MAX
0.057 (1.45)
0.053 (1.35)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com