Electronic Components Datasheet Search
  English  ▼

X  

ADV7192 Datasheet(PDF) 9 Page - Analog Devices

Part # ADV7192
Description  Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7192 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADV7192 Datasheet HTML 5Page - Analog Devices ADV7192 Datasheet HTML 6Page - Analog Devices ADV7192 Datasheet HTML 7Page - Analog Devices ADV7192 Datasheet HTML 8Page - Analog Devices ADV7192 Datasheet HTML 9Page - Analog Devices ADV7192 Datasheet HTML 10Page - Analog Devices ADV7192 Datasheet HTML 11Page - Analog Devices ADV7192 Datasheet HTML 12Page - Analog Devices ADV7192 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 69 page
background image
ADV7192
–9–
REV. 0
ABSOLUTE MAXIMUM RATINGS
1
VAA to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 V
Voltage on any Digital Input Pin . . GND – 0.5 V to VAA + 0.5 V
Storage Temperature (TS) . . . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . . 150
°C
Body Temperature (Soldering, 10 secs) . . . . . . . . . . . . . 220
°C
Analog Outputs to GND
2
. . . . . . . . . . . . GND – 0.5 V to VAA
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
2Analog Output Short Circuit to any Power Supply or Common can be of an
indefinite duration.
PACKAGE THERMAL PERFORMANCE
The 80-lead package is used for this device. The junction-to-
ambient (
θ
JA) thermal resistance in still air on a four-layer PCB
is 24.7
°C.
To reduce power consumption when using this part the user
can run the part on a 3.3 V supply, turn off any unused DACs.
The user must at all times stay below the maximum junction
temperature of 110
°C. The following equation shows how to
calculate this junction temperature:
Junction Temperature = (VAA
× (IDAC + ICCT)) × θJA + 70°C TAMB
IDAC = 10 mA + (sum of the average currents consumed by
each powered-on DAC)
Average current consumed by each powered-on DAC =
(VREF
× K )/R
SET
VREF = 1.235 V
K = 4.2146
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADV7192KST
0
°C to 70°C
80-Lead Quad Flatpack
ST-80
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the ADV7192 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
PIN CONFIGURATION
NC = NO CONNECT
P0
P1
P2
P3
P4
P5
P6
P7
NC
NC
Y[0]/P8
Y[1]/P9
Y[2]/P10
Y[3]/P11
Y[4]/P12
Y[5]/P13
Y[6]/P14
Y[7]/P15
Y[8]
Y[9]
VREF
COMP 1
DAC A
DAC B
VAA
AGND
DAC C
DAC D
AGND
VAA
DAC E
DAC F
COMP 2
RSET2
DGND
RESET
PAL_NTSC
RSET1
ALSB
SCRESET/RTC/TR
80 79 78 77 76
71 70 69 68 67 66 65
75 74 73 72
64 63 62 61
1
2
3
4
5
6
7
8
9
10
11
13
14
15
16
12
17
18
20
19
21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
ADV7192
LQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com