Electronic Components Datasheet Search
  English  ▼

X  

ADV7192 Datasheet(PDF) 63 Page - Analog Devices

Part # ADV7192
Description  Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7192 Datasheet(HTML) 63 Page - Analog Devices

Back Button ADV7192 Datasheet HTML 59Page - Analog Devices ADV7192 Datasheet HTML 60Page - Analog Devices ADV7192 Datasheet HTML 61Page - Analog Devices ADV7192 Datasheet HTML 62Page - Analog Devices ADV7192 Datasheet HTML 63Page - Analog Devices ADV7192 Datasheet HTML 64Page - Analog Devices ADV7192 Datasheet HTML 65Page - Analog Devices ADV7192 Datasheet HTML 66Page - Analog Devices ADV7192 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 69 page
background image
ADV7192
–63–
REV. 0
–100
–80
–60
–40
–20
0
20
NOISE SPECTRUM (NTSC)
WFM
FIELD = 2, LINE = 223
AMPLITUDE (0dB = 714mV p-p)
12
3
4
56
MHz
BANDWIDTH 10kHz TO FULL
PEDESTAL
NOISE LEVEL = –79.7dB RMS
Figure 130. NTSC Noise Spectrum: Pedestal
–100
–90
–80
–50
–40
–20
0
NOISE SPECTRUM (NTSC)
WFM
FIELD = 2, LINE = 217
AMPLITUDE (0dB = 714mV p-p)
12
34
56
MHz
BANDWIDTH 100kHz TO FULL (TILT NULL)
–70
–60
–30
–10
RAMP
NOISE LEVEL = –63.1dB RMS
Figure 131. NTSC Noise Spectrum: Ramp
–100
–80
–60
–40
–20
0
NOISE SPECTRUM (PAL)
WFM
LINE = 511
AMPLITUDE (0dB = 714mV p-p)
12
3
4
57
MHz
BANDWIDTH 10kHz TO FULL
6
PEDESTAL
NOISE LEVEL = –79.1dB RMS
Figure 132. PAL Noise Spectrum: Pedestal
–100
–90
–80
–50
–40
–20
0
NOISE SPECTRUM (PAL)
WFM
LINE = 572
AMPLITUDE (0dB = 700mV P–P)
12
3
4
5
7
MHz
BANDWIDTH 100kHz TO FULL (TILT NULL)
–70
–60
–30
–10
6
NOISE LEVEL = –62.3dB RMS
RAMP
Figure 133. PAL Noise Spectrum: Ramp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com