Electronic Components Datasheet Search
  English  ▼

X  

ADV7192 Datasheet(PDF) 18 Page - Analog Devices

Part # ADV7192
Description  Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7192 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADV7192 Datasheet HTML 14Page - Analog Devices ADV7192 Datasheet HTML 15Page - Analog Devices ADV7192 Datasheet HTML 16Page - Analog Devices ADV7192 Datasheet HTML 17Page - Analog Devices ADV7192 Datasheet HTML 18Page - Analog Devices ADV7192 Datasheet HTML 19Page - Analog Devices ADV7192 Datasheet HTML 20Page - Analog Devices ADV7192 Datasheet HTML 21Page - Analog Devices ADV7192 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 69 page
background image
ADV7192
–18–
REV. 0
UNDERSHOOT LIMITER
A limiter is placed after the digital filters. This prevents any
synchronization problems for TVs. The level of undershoot is
programmable between –1.5 IRE, –6 IRE, –11 IRE when oper-
ating in 4
× Oversampling Mode. In 2× Oversampling Mode the
limits are –7.5 IRE and 0 IRE. (Mode Register 9 and Timing
Register 0.)
DIGITAL NOISE REDUCTION
DNR is applied to the Y data only. A filter block selects the
high frequency, low amplitude components of the incoming
signal (DNR Input Select). The absolute value of the filter output
is compared to a programmable threshold value (DNR Thresh-
old Control). There are two DNR modes available: DNR Mode
and DNR Sharpness Mode.
In DNR Mode, if the absolute value of the filter output is smaller
than the threshold, it is assumed to be noise. A programmable
amount (Coring Gain Control) of this noise signal will be sub-
tracted from the original signal.
In DNR Sharpness Mode, if the absolute value of the filter output
is less than the programmed threshold, it is assumed to be noise,
as before. Otherwise, if the level exceeds the threshold, now
being identified as a valid signal, a fraction of the signal (Coring
Gain Control) will be added to the original signal in order to boost
high frequency components and to sharpen the video image.
In MPEG systems it is common to process the video information
in blocks of 8
× 8 pixels for MPEG2 systems, or 16 × 16 pixels
for MPEG1 systems ('Block Size Control'). DNR can be applied
to the resulting block transition areas that are known to contain
noise. Generally the block transition area contains two pixels. It
is possible to define this area to contain four pixels (Border Area
Control).
It is also possible to compensate for variable block positioning or
differences in YCrCb pixel timing with the use of the Block Offset
Control. (Mode Register 8, DNR Registers 0–2.)
DOUBLE BUFFERING
Double buffering can be enabled or disabled on the following
registers: Closed Captioning Registers, Brightness Control Reg-
ister, V-Scale, U-Scale Contrast Control Register, Hue Adjust
Register, Macrovision Registers, and the Gamma Curve Select
bit. These registers are updated once per field on the falling
edge of the VSYNC signal. Double Buffering improves the overall
performance of the ADV7192, since modifications to register
settings will not be made during active video, but take effect on
the start of the active video. (Mode Register 8.)
GAMMA CORRECTION CONTROL
Gamma correction may be performed on the luma data. The
user has the choice to use either of two different gamma curves,
A or B. At any one time one of these curves is operational if
gamma correction is enabled. Gamma correction allows the
mapping of the luma data to a user-defined function. (Mode
Register 8, Gamma Correction Registers 0–13.)
NTSC PEDESTAL CONTROL
In NTSC mode it is possible to have the pedestal signal gener-
ated on the output video signal. (Mode Register 2.)
POWER-ON RESET
After power-up, it is necessary to execute a RESET operation. A
reset occurs on the falling edge of a high-to-low transition on the
RESET pin. This initializes the pixel port such that the data on
the pixel inputs pins is ignored. See Appendix 8 for the register
settings after RESET is applied.
PROGRESSIVE SCAN INPUT
It is possible to input data to the ADV7192 in progressive scan
format. For this purpose the input pins Y0/P8–Y7/P15, Y8–Y9,
Cr0–Cr9 and Cb0–Cb9 accept 10-bit Y data, 10-bit Cb data
and 10-bit Cr data. The data is clocked into the part at 27 MHz.
The data is then filtered and sinc corrected in an 2
Interpo-
lation filter and then output to three video DACs at 54 MHz
(to interface to a progressive scan monitor).
FREQUENCY – MHz
0
030
5
10
15
20
25
–10
–20
–30
–50
–60
–40
–70
Figure 32. Plot of the Interpolation Filter for the Y Data
FREQUENCY – MHz
0
030
5
10
15
20
25
–10
–20
–30
–50
–60
–40
–70
Figure 33. Plot of the Interpolation Filter for the CrCb Data
It is assumed that there is no color space conversion or any other
such operation to be performed on the incoming data. Thus if
these DAC outputs are to drive a TV, all relevant timing and
synchronization data should be contained in the incoming digital
Y data.
The block diagram below shows a possible configuration for
progressive scan mode using the ADV7192.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com