Electronic Components Datasheet Search
  English  ▼

X  

ADV7192 Datasheet(PDF) 10 Page - Analog Devices

Part # ADV7192
Description  Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7192 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADV7192 Datasheet HTML 6Page - Analog Devices ADV7192 Datasheet HTML 7Page - Analog Devices ADV7192 Datasheet HTML 8Page - Analog Devices ADV7192 Datasheet HTML 9Page - Analog Devices ADV7192 Datasheet HTML 10Page - Analog Devices ADV7192 Datasheet HTML 11Page - Analog Devices ADV7192 Datasheet HTML 12Page - Analog Devices ADV7192 Datasheet HTML 13Page - Analog Devices ADV7192 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 69 page
background image
ADV7192
–10–
REV. 0
PIN FUNCTION DESCRIPTIONS
Pin
Input/
No.
Mnemonic
Output
Function
1, 2
NC
No Connect.
3–10
P0–P7
I
8-Bit 4:2:2 Multiplexed YCrCb Pixel Port. The LSB of the input data is set up on Pin P0
(Pin Number 3).
11–18
Y0/P8–Y7/P15
I
16-Bit 4:2:2 Multiplexed YCrCb Pixel Port (Bits 8–15). 1
× 10-bit progressive scan input for
Ydata (Bits 0–7).
19, 20
Y8–Y9
1
× 10-bit progressive scan input is Ydata (Bits 8 and 9).
21, 34, 68, 79
VDD
P
Digital Power Supply (3.3 V to 5 V).
22, 33, 43, 69,
DGND
G
Digital Ground.
80
23
HSYNC
I/O
HSYNC (Modes 1, 2, and 3) Control Signal. This pin may be configured to be an output
(Master Mode) or an input (Slave Mode) and accept Sync Signals.
24
VSYNC
I/O
VSYNC Control Signal. This pin may be configured as an output (Master Mode) or as an
input (Slave Mode) and accept VSYNC as a Control Signal.
25
BLANK
I/O
Video Blanking Control Signal. This signal is optional. For further information see
Vertical Blanking and Data Insertion Blanking Input section.
26–31, 75–78
Cb4–Cb9, Cb0–Cb3
I
1
× 10-Bit Progressive Scan Input Port for Cb data.
32
TTXREQ
O
Teletext Data Request Output Signal, used to control teletext data transfer.
35, 49, 52
AGND
G
Analog Ground.
36
CLKIN
I
TTL Clock Input. Requires a stable 27 MHz reference clock for standard operation.
Alternatively, a 24.5454 MHz (NTSC) or 29.5 MHz (PAL) can be used for square pixel
operation.
37
CLKOUT
O
Clock Output pin.
38, 48, 53
VAA
P
Analog Power Supply (3.3 V to 5 V).
39
SCL
I
MPU Port Serial Interface Clock Input.
40
SDA
I/O
MPU Port Serial Data Input/Output.
41
SCRESET/
I
Multifunctional Input: Real Time Control (RTC) input, Timing Reset input, Subcarrier
RTC/TR
Reset input.
42
ALSB
I
TTL Address Input. This signal sets up the LSB of the MPU address.
44
RSET2
I
A 1200
Ω resistor connected from this pin to GND is used to control full-scale amplitudes
of the Video Signals from the DAC D, E, F.
45
COMP 2
O
Compensation Pin for DACs D, E, and F. Connect a 0.1
µF Capacitor from COMP2
to VAA.
46
DAC F
O
S-Video C/Pr/V/RED Analog Output. This DAC is capable of providing 4.33 mA output.
47
DAC E
O
S-Video Y/Pb/U/BLUE Analog Output. This DAC is capable of providing 4.33 mA output.
50
DAC D
O
Composite/Y (progressive scan)/Y/Green Analog Output. This DAC is capable of providing
4.33 mA output.
51
DAC C
O
S-Video C/Pr/V/RED Analog Output. This DAC is capable of providing 4.33 mA output.
54
DAC B
O
S-Video Y/Pb/U/BLUE Analog Output. This DAC is capable of providing 4.33 mA output.
55
DAC A
O
Composite/Y(progressive scan)/Y/Green Analog Output. This DAC is capable of providing
4.33 mA output.
56
COMP 1
O
Compensation Pin for DACs A, B, and C. Connect a 0.1
µF Capacitor from COMP1 to V
AA.
57
VREF
I/O
Voltage Reference Input for DACs or Voltage Reference Output (1.235 V). An external
VREF cannot be used in 4
× Oversampling Mode.
58
RSET1
I
A 1200
Ω resistor connected from this pin to GND is used to control full-scale amplitudes
of the Video Signals from the DAC A, B, C.
59
PAL_NTSC
I
Input signal to select PAL or NTSC mode of operation, pin set to Logic 1 selects PAL.
60
RESET
I
The input resets the on-chip timing generator and sets the ADV7192 into default mode.
See Appendix 8 for Default Register settings.
61
CSO_HSO
O
Dual function CSO or HSO Output Sync Signal at TTL Level.
62
VSO/TTX/CLAMP
I/O
Multifunctional Pin. VSO Output Sync Signal at TTL level. Teletext Data Input pin.
CLAMP TTL output signals can be used to drive external circuitry to enable clamping
of all video signals.
63–67, 70–74
Cr0–Cr4, Cr5–Cr9
I
1
× 10-Bit progressive scan input port for Cr data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com