Electronic Components Datasheet Search
  English  ▼

X  

ADV7192 Datasheet(PDF) 4 Page - Analog Devices

Part # ADV7192
Description  Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7192 Datasheet(HTML) 4 Page - Analog Devices

  ADV7192 Datasheet HTML 1Page - Analog Devices ADV7192 Datasheet HTML 2Page - Analog Devices ADV7192 Datasheet HTML 3Page - Analog Devices ADV7192 Datasheet HTML 4Page - Analog Devices ADV7192 Datasheet HTML 5Page - Analog Devices ADV7192 Datasheet HTML 6Page - Analog Devices ADV7192 Datasheet HTML 7Page - Analog Devices ADV7192 Datasheet HTML 8Page - Analog Devices ADV7192 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 69 page
background image
–4–
REV. 0
ADV7192–SPECIFICATIONS
3.3 V SPECIFICATIONS1
Parameter
Min
Typ
Max
Unit
Test Conditions
STATIC PERFORMANCE
Resolution (Each DAC)
10
Bits
Accuracy (Each DAC)
Integral Nonlinearity
1.0
LSB
Differential Nonlinearity
1.0
LSB
Guaranteed Monotonic
DIGITAL INPUTS
Input High Voltage, VINH
2V
Input Low Voltage, VINL
0.8
V
Input Leakage Current
3
1
µA
Input Leakage Current
4
200
µA
Input Current, IIN
±1
µAV
IN = 0.4 V or 2.4 V
Input Capacitance, CIN
610
pF
DIGITAL OUTPUTS
Output High Voltage, VOH
2.4
V
ISOURCE = 400
µA
Output Low Voltage, VOL
0.4
V
ISINK = 3.2 mA
Three-State Leakage Current
5
10
µA
Three-State Leakage Current
6
200
µA
Three-State Output Capacitance
6
10
pF
ANALOG OUTPUTS
Output Current (Max)
4.125
4.33
4.625
mA
RL = 300
Ω
Output Current (Min)
2.16
mA
RL = 600
Ω, RSET1,2 = 2400 Ω
DAC-to-DAC Matching
0.4
2.5
%
Output Compliance, VOC
1.4
V
Output Impedance, ROUT
100
k
Ω
Output Capacitance, COUT
6pF
IOUT = 0 mA
VOLTAGE REFERENCE
Reference Range, VREF
7
1.235
V
IVREFOUT = 20
µA
POWER REQUIREMENTS
VAA
3.15
3.3
3.6
V
Normal Power Mode
IDAC (Max)
8
29
mA
ICCT (2
× Oversampling)9, 10
42
54
mA
ICCT (4
× Oversampling)9, 10
68
86
mA
IPLL
6mA
Sleep Mode
IDAC
10
0.01
µA
ICCT
85
µA
NOTES
1All measurements are made in 4
× Oversampling Mode unless otherwise specified and are guaranteed by characterization. In 2 × Oversampling Mode, power require-
ment for the ADV7192 is typically 3.0 V.
2Temperature range T
MIN to TMAX: 0
°C to 70°C.
3For all inputs but PAL_NTSC and ALSB.
4For PAL_NTSC and ALSB inputs.
5For all outputs but VSO/TTX/CLAMP.
6For VSO/TTX/CLAMP output.
7Measurement made in 2
× Oversampling Mode.
8I
DAC is the total current required to supply all DACs including the V REF Circuitry.
9All six DACs ON.
10I
CCT or the circuit current, is the continuous current required to drive the digital core without I PLL.
Specifications subject to change without notice.
(VAA = 3.3 V, VREF = 1.235 V, RSET1,2 = 1200
unless otherwise noted. All specifications TMIN to TMAX
2
unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com