Electronic Components Datasheet Search
  English  ▼

X  

WM8903 Datasheet(PDF) 113 Page - Wolfson Microelectronics plc

Part # WM8903
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8903 Datasheet(HTML) 113 Page - Wolfson Microelectronics plc

Back Button WM8903 Datasheet HTML 109Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 110Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 111Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 112Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 113Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 114Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 115Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 116Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 117Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 178 page
background image
Production Data
WM8903
w
PD, Rev 4.5, June 2012
113
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R121 (79h)
Interrupt
Status 1
15
MICSHRT_EINT
0
MICBIAS Short Circuit detect IRQ
status
0 = Short Circuit current IRQ not set
1 = Short Circuit current IRQ set
(Read-Only Register)
14
MICDET_EINT
0
MICBIAS Current detect IRQ status
0 = Current detect IRQ not set
1 = Current detect IRQ set
(Read-Only Register)
13
WSEQ_BUSY_E
INT
0
Write Sequencer Busy IRQ status
0 = WSEQ IRQ not set
1 = WSEQ IRQ set
The Write Sequencer asserts this
flag when it has completed a
programmed sequence - ie it
indicates that the Write Sequencer
is NOT Busy.
(Read-Only Register)
5
FLL_LOCK_EIN
T
0
FLL Lock IRQ status
0 = FLL Lock IRQ not set
1 = FLL Lock IRQ set
(Read-Only Register)
4
GP5_EINT
0
GPIO5 IRQ status
0 = GPIO5 IRQ not set
1 = GPIO5 IRQ set
(Read-Only Register)
3
GP4_EINT
0
GPIO4 IRQ status
0 = GPIO4 IRQ not set
1 = GPIO4 IRQ set
(Read-Only Register)
2
GP3_EINT
0
GPIO3/ADDR IRQ status
0 = GPIO3 IRQ not set
1 = GPIO3 IRQ set
(Read-Only Register)
1
GP2_EINT
0
GPIO2/DMIC_DAT IRQ status
0 = GPIO2 IRQ not set
1 = GPIO2 IRQ set
(Read-Only Register)
0
GP1_EINT
0
GPIO1/DMIC_LR IRQ status
0 = GPIO1 IRQ not set
1 = GPIO1 IRQ set
(Read-Only Register)
R122 (7Ah)
Interrupt
Status 1 Mask
15
IM_MICSHRT_E
INT
1
Interrupt mask for MICBIAS Short
Circuit detect
0 = Not masked
1 = Masked
14
IM_MICDET_EI
NT
1
Interrupt mask for MICBIAS Current
detect
0 = Not masked
1 = Masked
13
IM_WSEQ_BUS
Y_EINT
1
Interrupt mask for WSEQ Busy
indication
0 = Not masked
1 = Masked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com