Electronic Components Datasheet Search
  English  ▼

X  

WM8903 Datasheet(PDF) 110 Page - Wolfson Microelectronics plc

Part # WM8903
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8903 Datasheet(HTML) 110 Page - Wolfson Microelectronics plc

Back Button WM8903 Datasheet HTML 106Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 107Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 108Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 109Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 110Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 111Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 112Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 113Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 114Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 178 page
background image
WM8903
Production Data
w
PD, Rev 4.5, June 2012
110
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6
GP3_OP_CFG
0
Output pin configuration
0 = CMOS
1 = Open-drain
5
GP3_IP_CFG
1
Input pin configuration
0 = Active low
1 = Active high
4
GP3_LVL
0
GPIO Output Level
(when GP3_FN = 00000)
0 = Logic 0
1 = Logic 1
3
GP3_PD
1
GPIO Pull-Down Enable
0 = Pull-down disabled
1 = Pull-down enabled (Approx 100kΩ)
2
GP3_PU
0
GPIO Pull-Up Enable
0 = Pull-up disabled
1 = Pull-up enabled (Approx 100kΩ)
1
GP3_INTMODE
0
GPIO Interrupt Mode
0 = Level triggered
1 = Edge triggered
0
GP3_DB
0
GPIO de-bounce
0 = GPIO is not debounced
1 = GPIO is debounced
R119 (77h)
GPIO Control
4
13:8
GP4_FN [5:0]
00_0010
GPIO 4 Pin Function select
00h = GPIO output
01h = Reserved
02h = IRQ output
03h = GPIO input
04h = MICBIAS Current detect
05h = MICBIAS Short Circuit detect
06h = Reserved
07h = Reserved
08h = FLL Lock output
09h = FLL Clock output
0Ah to 3Fh = Reserved
7
GP4_DIR
0
GPIO Pin Direction
0 = Output
1 = Input
6
GP4_OP_CFG
0
Output pin configuration
0 = CMOS
1 = Open-drain
5
GP4_IP_CFG
1
Input pin configuration
0 = Active low
1 = Active high
4
GP4_LVL
0
GPIO Output Level
(when GP4_FN = 00000)
0 = Logic 0
1 = Logic 1
3
GP4_PD
0
GPIO Pull-Down Enable
0 = Pull-down disabled
1 = Pull-down enabled (Approx 100kΩ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com