Electronic Components Datasheet Search
  English  ▼

X  

WM8903 Datasheet(PDF) 108 Page - Wolfson Microelectronics plc

Part # WM8903
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8903 Datasheet(HTML) 108 Page - Wolfson Microelectronics plc

Back Button WM8903 Datasheet HTML 104Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 105Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 106Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 107Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 108Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 109Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 110Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 111Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 112Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 178 page
background image
WM8903
Production Data
w
PD, Rev 4.5, June 2012
108
The Digital Microphone Interface and MICBIAS Current Detect functions are described in the
“Analogue Input Signal Path” section.
Interrupt Output is the default function of GPIO4. See “Interrupts” for further details.
BCLK is the default function of GPIO5. This may be input or output. Note that, when BCLK is enabled
on this pin (GP5_FN = 1h), the other GPIO control fields for this pin have no effect. When BCLK is not
enabled on this pin (GP5_FN ≠ 1h), the WM8903 uses the MCLK input as the Bit Clock. See “Digital
Audio Interface Control” for further details.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R116 (74h)
GPIO Control
1
13:8
GP1_FN [5:0]
00_0000
GPIO 1 Pin Function select
00h = GPIO output
01h = Reserved
02h = IRQ output
03h = GPIO input
04h = MICBIAS Current detect
05h = MICBIAS Short Circuit detect
06h = DMIC_LR Clock output
07h = Reserved
08h = FLL Lock output
09h = FLL Clock output
0Ah to 3Fh = Reserved
7
GP1_DIR
1
GPIO Pin Direction
0 = Output
1 = Input
6
GP1_OP_CFG
0
Output pin configuration
0 = CMOS
1 = Open-drain
5
GP1_IP_CFG
1
Input pin configuration
0 = Active low
1 = Active high
4
GP1_LVL
0
GPIO Output Level
(when GP1_FN = 00000)
0 = Logic 0
1 = Logic 1
3
GP1_PD
1
GPIO Pull-Down Enable
0 = Pull-down disabled
1 = Pull-down enabled (Approx 100kΩ)
2
GP1_PU
0
GPIO Pull-Up Enable
0 = Pull-up disabled
1 = Pull-up enabled (Approx 100kΩ)
1
GP1_INTMODE
0
GPIO Interrupt Mode
0 = Level triggered
1 = Edge triggered
0
GP1_DB
0
GPIO de-bounce
0 = GPIO is not debounced
1 = GPIO is debounced



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com