Electronic Components Datasheet Search
  English  ▼

X  

WM8903 Datasheet(PDF) 105 Page - Wolfson Microelectronics plc

Part # WM8903
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8903 Datasheet(HTML) 105 Page - Wolfson Microelectronics plc

Back Button WM8903 Datasheet HTML 101Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 102Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 103Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 104Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 105Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 106Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 107Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 108Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 109Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 178 page
background image
Production Data
WM8903
w
PD, Rev 4.5, June 2012
105
FREE-RUNNING FLL CLOCK
The FLL can generate a clock signal even when the external reference is removed. It should be noted
that the accuracy of this clock is reduced, and a reference source should always be used where
possible. In free-running modes, the FLL is not sufficiently accurate for hi-fi audio applications. The
free-running modes are suitable for clocking other functions, including the Write Sequencer and DC
servo control. The free-running mode can be used to support the analogue input (bypass) audio
paths.
A clock reference is required for initial configuration of the FLL as described above. For free-running
operation, the FLL_HOLD bit should be set, as described in Table 69. When FLL_HOLD is set, the
FLL will continue to generate a stable output clock after the reference input is stopped or
disconnected.
Note that the FLL must be selected as the CLK_SYS source by setting CLK_SRC_SEL (see Table
61). Note that, in the absence of any reference clock, the FLL output is subject to a very wide
tolerance. See “Electrical Characteristics” for details of the FLL accuracy.
GPIO OUTPUTS FROM FLL
The WM8903 has an internal signal which indicates whether the FLL Lock has been achieved. The
FLL Lock status is an input to the Interrupt control circuit and can be used to trigger an Interrupt event
- see “Interrupts”.
The FLL Lock signal can be output directly on a GPIO pin as an external indication of FLL Lock. See
“General Purpose Input/Output (GPIO)” for details of how to configure a GPIO pin to output the FLL
Lock signal.
The FLL Clock can be output directly on a GPIO pin as a clock signal for other circuits. Note that the
FLL Clock may be output even if the FLL is not selected as the WM8903 CLK_SYS source. The
clocking configuration is illustrated in Figure 55. See “General Purpose Input/Output (GPIO)” for
details of how to configure a GPIO pin to output the FLL Clock.
EXAMPLE FLL CALCULATION
To generate 12.288 MHz output (FOUT) from a 12.000 MHz reference clock (FREF):
Set FLL_CLK_REF_DIV in order to generate FREF <=13.5MHz:
FLL_CLK_REF_DIV = 00 (divide by 1)
Set FLL_CTRL_RATE to the recommended setting:
FLL_CTRL_RATE = 000 (divide by 1)
Set FLL_GAIN to the recommended setting:
FLL_GAIN = 0000 (multiply by 1)
Set FLL_OUTDIV for the required output frequency as shown in Table 67:-
FOUT = 12.288 MHz, therefore FLL_OUTDIV = 2h (divide by 8)
Set FLL_FRATIO for the given reference frequency as shown in Table 68:
FREF = 12MHz, therefore FLL_FRATIO = 0h (divide by 1)
Calculate FVCO as given by FVCO = FOUT x FLL_OUTDIV:-
FVCO = 12.288 x 8 = 98.304MHz
Calculate N.K as given by N.K = FVCO / (FLL_FRATIO x FREF):
N.K = 98.304 / (1 x 12) = 8.192
Determine FLL_N and FLL_K from the integer and fractional portions of N.K:-
FLL_N is 8. FLL_K is 0.192
Confirm that N.K is a fractional quantity and set FLL_FRAC:
N.K is fractional. Set FLL_FRAC = 1.
Note that, if N.K is an integer, then an alternative value of FLL_FRATIO should be selected
in order to produce a fractional value of N.K.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com