Electronic Components Datasheet Search
  English  ▼

X  

WM8903 Datasheet(PDF) 103 Page - Wolfson Microelectronics plc

Part # WM8903
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8903 Datasheet(HTML) 103 Page - Wolfson Microelectronics plc

Back Button WM8903 Datasheet HTML 99Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 100Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 101Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 102Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 103Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 104Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 105Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 106Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 107Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 178 page
background image
Production Data
WM8903
w
PD, Rev 4.5, June 2012
103
Note that FREF is the input frequency, after division by FLL_CLK_REF_DIV, where applicable.
In FLL Fractional Mode, the fractional portion of the N.K multiplier is held in the FLL_K register field.
This field is coded as a fixed point quantity, where the MSB has a weighting of 0.5. Note that, if
desired, the value of this field may be calculated by multiplying K by 2
16 and treating FLL_K as an
integer value, as illustrated in the following example:
If N.K = 8.192, then K = 0.192
Multiplying K by 2
16 gives 0.192 x 65536 = 12582.912 (decimal)
Apply rounding to the nearest integer = 12583 (decimal) = 3127 (hex)
For best performance, FLL Fractional Mode should always be used. Therefore, if the calculations
yield an integer value of N.K, then it is recommended to adjust FLL_FRATIO in order to obtain a non-
integer value of N.K. Care must always be taken to ensure that the FLL operating frequency, FVCO, is
within its recommended limits of 90-100 MHz.
The register fields that control the FLL are described in Table 69. Example settings for a variety of
reference frequencies and output frequencies are shown in Table 70.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R128 (80h)
FLL Control 1
7:4
FLL_GAIN [3:0]
0h
Gain applied to error
0000 = x 1 (Recommended value)
0001 = x 2
0010 = x 4
0011 = x 8
0100 = x 16
0101 = x 32
0110 = x 64
0111 = x 128
1000 = x 256
Recommended that this register is not
changed from default.
3
FLL_HOLD
0
FLL Hold Select
0 = Disabled
1 = Enabled
This feature enables free-running
mode in FLL when reference clock is
removed
2
FLL_FRAC
0
Fractional enable
0 = Integer Mode
1 = Fractional Mode
Fractional Mode is recommended in all
cases
0
FLL_ENA
0
FLL Enable
0 = Disabled
1 = Enabled
R129 (81h)
FLL Control 2
12:11
FLL_CLK_SRC
[1:0]
00
FLL Clock source
00 = MCLK
01 = BCLK
10 = LRC
11 = Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com