Electronic Components Datasheet Search
  English  ▼

X  

ACE25C200 Datasheet(PDF) 19 Page - ACE Technology Co., LTD.

Part # ACE25C200
Description  2MB Serial Flash Memory
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25C200 Datasheet(HTML) 19 Page - ACE Technology Co., LTD.

Back Button ACE25C200 Datasheet HTML 15Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 16Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 17Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 18Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 19Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 20Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 21Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 22Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 23Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
ACE25C200
2MB Serial Flash Memory
VER 1.2
19
Figure 15 Sector erase instruction
Block Erase (BE) (D8h)
The Block Erase instruction sets all memory within a specified block (64K -bytes) to the erased state
of all 1s (FFh). A Write Enable instruction must be executed before the device will accept the Block
Erase Instruction (Status Register bit WEL must equal 1). The instruction is initiated by driving the
CS# pin low and shifting the instruction code “D8h” followed a 24-bit block address A23-A0. The Block
Erase instruction sequence is shown in Figure 16.
The CS# pin must be driven high after the eighth bit of the last byte has been latched. If this is not
done the Block Erase instruction will not be executed. After CS# is driven high, the self -timed Block
Erase instruction will commence for a time duration of tBE (See 12.6 AC Electrical Characteristics”).
While the Block Erase cycle is in progress, the Read Status Register instruction may still be accessed
for checking the status of the WIP bit. The WIP bit is a 1 during the Block Erase cycle and becomes a
0 when the cycle is finished and the device is ready to accept other instructions again. After the Block
Erase cycle has finished the Write Enable Latch (WEL) bit in the Status Register is cleared to 0. The
Block Erase instruction will not be executed if the addressed page is protected by the Block Protect
(BP2, BP1, and BP0) bits (see Table 2 Status Register Memory Protection table).
Figure 16 Block erase instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com