Electronic Components Datasheet Search
  English  ▼

X  

ACE25C200 Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE25C200
Description  2MB Serial Flash Memory
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25C200 Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

Back Button ACE25C200 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 10Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
ACE25C200
2MB Serial Flash Memory
VER 1.2
6
Dual SPI
The ACE25C200
supports Dual SPI operation when using instructions such as “Fast Read Dual
Output (
3Bh)” and “Fast Read Dual I/O (BBh)”. These instructions allow data to be transferred to or
from the device at two to three times the rate of ordinary Serial Flash devices. The Dual SPI Read
instructions are ideal for quickly downloading code to RAM upon power-up (code-shadowing) or for
executing non-speed- critical code directly from the SPI bus (XIP). When using Dual SPI instructions,
the DI and DO pins become bidirectional I/O pins: DQ0 and DQ1.
Hold
For Standard SPI and Dual SPI operations, the HOLD# signal allows the ACE25C200 operation to
be paused while it is actively selected (when CS# is low). The HOLD# function may be useful in cases
where the SPI data and clock signals are shared with other devices. For example, consider if the page
buffer was only partially written when a priority interrupt requires use of the SPI bus. In this case the
HOLD# function can save the state of the instruction and the data in the buffer so programming can
resume where it left off once the bus is available again.
To initiate a HOLD# condition, the device must be selected with CS# low. A HOLD# condition will
activate on the falling edge of the HOLD# signal if the CLK signal is already low. If the CLK is not
already low the HOLD# condition will activate after the next falling edge of CLK. The HOLD# condition
will terminate on the rising edge of the HOLD# signal if the CLK signal is already low. If the CLK is not
already low the HOLD# condition will terminate after the next falling edge of CLK. During a HOLD#
condition, the Serial Data Output (DO) is high impedance, and Serial Data Input (DI) and Serial Clock
(CLK) are ignored. The Chip Select (CS#) signal should be kept active (low) for the full duration of the
HOLD# operation to avoid resetting the internal logic state of the device.
Figure 3 Hold condition waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com