Electronic Components Datasheet Search
  English  ▼

X  

ACE25C200 Datasheet(PDF) 28 Page - ACE Technology Co., LTD.

Part # ACE25C200
Description  2MB Serial Flash Memory
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25C200 Datasheet(HTML) 28 Page - ACE Technology Co., LTD.

Back Button ACE25C200 Datasheet HTML 24Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 25Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 26Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 27Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 28Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 29Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 30Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 31Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 32Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
ACE25C200
2MB Serial Flash Memory
VER 1.2
28
tHLCH
HOLD# Low Setup Time ( relative to CLK )
5
ns
tHHCH
HOLD# High Setup Time ( relative to CLK )
5
ns
tCHHH
HOLD# Low Hold Time ( relative to CLK )
5
ns
tCHHL
HOLD# High Hold Time ( relative to CLK )
5
ns
tHLQZ
(2)
HOLD# Low to High-Z Output
6
ns
tHHQX
(2)
HOLD# High to Low-Z Output
6
ns
tCLQV
Output Valid from CLK
8
ns
tWHSL
Write Protect Setup Time before CS# Low
20
ns
tSHWL
Write Protect Hold Time after CS# High
100
ns
tDP
(2)
CS# High to Deep Power-down Mode
3
us
tRES1
(2)
CS# High to Standby Mode without Electronic Signature Read
3
us
tRES2
(2)
CS# High to Standby Mode with Electronic Signature Read
1.8
us
tW
Write Status Register Cycle Time
10
15
ms
tPP
Page Programming Time
1.5
5
ms
tSE
Sector Erase Time
0.09
0.3
s
tBE
Block Erase Time (64KB)
0.5
2
s
tCE
Chip Erase Time
1.75
5
s
Notes: 1. TCLKH+TCLKL >= 1 / FCLK
2. This parameter is characterized and is not 100% tested.
Figure 26 Serial output timing
Figure 27 Serial Input timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com