Electronic Components Datasheet Search
  English  ▼

X  

ACE25C200 Datasheet(PDF) 20 Page - ACE Technology Co., LTD.

Part # ACE25C200
Description  2MB Serial Flash Memory
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25C200 Datasheet(HTML) 20 Page - ACE Technology Co., LTD.

Back Button ACE25C200 Datasheet HTML 16Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 17Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 18Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 19Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 20Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 21Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 22Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 23Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 24Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
ACE25C200
2MB Serial Flash Memory
VER 1.2
20
Chip Erase (CE) (C7h / 60h)
The Chip Erase instruction sets all memory within the device to the erased state of all 1s (FFh). A
Write Enable instruction must be executed before the device will accept the Chip Erase Instruction
(Status Register bit WEL must equal 1). The instruction is initiated by driving the CS# pin low and
shifting the instruction code “C7h” or “60h”. The Chip Erase instruction sequence is shown in Figure
17.
The CS# pin must be driven high after the eighth bit has been latched. If this is not done the Chip
Erase instruction will not be executed. After CS# is driven high, the self -timed Chip Erase instruction
will commence for a time duration of tCE (See “12.6 AC Electrical Characteristics”). While the Chip
Erase cycle is in progress, the Read Status Register instruction may still be accessed to check the
status of the WIP bit. The WIP bit is a 1 during the Chip Erase cycle and becomes a 0 when finished
and the device is ready to accept other instructions again. After the Chip Erase cycle has finished the
Write Enable Latch (WEL) bit in the Status Register is cleared to 0. The Chip Erase in struction will not
be executed if any page is protected by the Block Protect (BP2, BP1, and BP0) bits.
Figure 17 Chip erase instruction
Power-down (B9h)
Although the standby current during normal operation is relatively low, standby current ca n be further
reduced with the Power-down instruction. The lower power consumption makes the Power-down
instruction especially useful for battery powered applications (See I CC1 and ICC2 in “12.6 AC Electrical
Characteristics”). The instruction is initiated by driving the CS# pin low and shifting the instruction
code “B9h” as shown in Figure 18.
The CS# pin must be driven high after the eighth bit has been latched. If this is not done the
Power-down instruction will not be executed. After CS# is driven high, the power-down state will enter
within the time duration of tDP (See “12.6 AC Electrical Characteristics”). While in the power-down
state only the Release from Power- down / Device ID instruction, which restores the device to normal
operation, will be recognized. All other instructions are ignored. This includes the Read Status
Register instruction, which is always available during normal operation. Ignoring all but one
instruction makes the Power Down state a useful condition for securing maximum write p rotection.
The device always powers-up in the normal operation with the standby current of ICC1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com