Electronic Components Datasheet Search
  English  ▼

X  

ACE25C200 Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE25C200
Description  2MB Serial Flash Memory
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25C200 Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE25C200 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
ACE25C200
2MB Serial Flash Memory
VER 1.2
5
Block (64KB)
Sector (4KB)
Address Range
3
63
03F000h
03FFFFh
…
…
…
48
030000h
030FFFh
2
47
02F000h
02FFFFh
…
…
…
32
020000h
020FFFh
1
31
01F000h
01FFFFh
…
…
…
16
010000h
010FFFh
0
15
00F000h
00FFFFh
…
…
…
2
002000h
002FFFh
1
001000h
001FFFh
0
000000h
000FFFh
Device Operations
Standard SPI
The ACE25C200 is accessed through an SPI compatible bus consisting of four signals: Serial Clock
(CLK), Chip Select (CS#), Serial Data Input (DI) and Serial Data Output (DO). Standard SPI
instructions use the DI input pin to serially write instructions, addresses or data to the device on the
rising edge of CLK. The DO output pin is used to read data or status from the device on the falling
edge of CLK.
SPI bus operation Mode 0 (0,0) and 3 (1,1) are supported. The primary difference between Mode 0
and Mode 3 concerns the normal state of the CLK signal when the SPI bus master is in standby and
data is not being transferred to the Serial Flash. For Mode 0, the CLK signal is normally low on the
falling and rising edges of CS#. For Mode 3, the CLK signal is normally high on the falling and rising
edges of CS#.
Figure 2 The difference between Mode 0 and Mode 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com