Electronic Components Datasheet Search
  English  ▼

X  

ACE25C200 Datasheet(PDF) 23 Page - ACE Technology Co., LTD.

Part # ACE25C200
Description  2MB Serial Flash Memory
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25C200 Datasheet(HTML) 23 Page - ACE Technology Co., LTD.

Back Button ACE25C200 Datasheet HTML 19Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 20Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 21Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 22Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 23Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 24Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 25Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 26Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 27Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
ACE25C200
2MB Serial Flash Memory
VER 1.2
23
The Manufacturer and Device IDs can be read continuously, alternating from one to the other. The
instruction is completed by driving CS# high.
Figure 21 Read manufacturer / device ID instruction
Read JEDEC ID (9Fh)
For compatibility reasons, the ACE25C200 provides several instructions to electronically determine
the identity of the device. The Read JEDEC ID instruction is compatible with the JEDEC standard for
SPI compatible serial memories. The instruction is initiated by driving the CS# pin low and shifting the
instruction code “9Fh”. The JEDEC assigned Manufacturer ID byte for ACE Technology Co., LTD.
(A1h) and two Device ID bytes, Memory Type (ID15-ID8) and Capacity ID7-D0 are then shifted out on
the falling edge of CLK with most significant bit (MSB) first as shown in Figure 22 . For memory type
and capacity values refer to Table 3 Manufacturer and Device Identification table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com