Electronic Components Datasheet Search
  English  ▼

X  

ACE25C200 Datasheet(PDF) 12 Page - ACE Technology Co., LTD.

Part # ACE25C200
Description  2MB Serial Flash Memory
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25C200 Datasheet(HTML) 12 Page - ACE Technology Co., LTD.

Back Button ACE25C200 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 11Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 12Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 13Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 14Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 15Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 16Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
ACE25C200
2MB Serial Flash Memory
VER 1.2
12
Figure 6 Write disable instruction
Read status register (RDSR) (05h)
The Read Status Register instructions allow the 8-bit Status Registers to be read. The instruction is
entered by driving CS# low and shifting the instruction code “05h” into the DI pin on the rising edge of
CLK. The status register bits are then shifted out on the DO pin at the falling edge of CLK with most
significant bit (MSB) first as shown in Figure 7. The Status Register bits are shown in Figure 4 and
include the WIP, WEL, BP2-BP0 and SRP bits.
The Read Status Register instruction may be used at any time, even while a Program, Erase or Write
Status Register cycle is in progress. This allows the WIP status bit to be checked to determine when
the cycle is complete and if the device can accept another instruction. The Status Register can be
read continuously. The instruction is completed by driving CS# high.
Figure 7 Read status register instruction
Write Status Register (WRSR) (01h)
The Write Status Register (WRSR) instruction allows the Status Register to be written. Only
non-volatile Status Register bits SRP, BP2, BP1, BP0 can be written to. All other Status Register bit
locations are read-only and will not be affected by the Write Status Register (WRSR) instruction. The
Status Register bits are shown in Figure 4, and described in 10 Status Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com