Electronic Components Datasheet Search
  English  ▼

X  

ACE25C200 Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE25C200
Description  2MB Serial Flash Memory
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25C200 Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE25C200 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
ACE25C200
2MB Serial Flash Memory
VER 1.2
1
Description
The ACE25C200 is a 2M-bit (256K-byte) Serial Flash memory, with advanced write protection mechanisms. The
ACE25C200 supports the standard Serial Peripheral Interface (SPI), and a high performance Dual output as well as
Dual I/O.
The ACE25C200 can be programmed 1 to 256 bytes at a time, using the Page Program instruction. It is designed to
allow either single Sector/Block at a time or full chip erase operation. The ACE25C200 can be configured to protect part
of the memory as the software protected mode. The device can sustain a minimum of 100K program/erase cycles on
each sector or block.
Features
 2Mbit of Flash memory
- 64 uniform sectors with 4K-byte each
- 4 uniform block with 64K-byte each
- 256 bytes per programmable page
 Wide Operation Range
- 2.7V~3.6V single voltage supply
- Industrial temperature range
 Serial Interface
- Standard SPI: CLK, CS#, DI, DO, WP#
- Dual SPI: CLK, CS#, DQ0, DQ1, WP#
- Continuous READ mode support
 High Performance
- Max FAST_READ clock frequency: 100MHz
- Max READ clock frequency: 66MHz
- Typical page program time: 1.5ms
- Typical sector erase time: 90ms
- Typical block erase time: 500ms
- Typical chip erase time: 1.75s
 Low Power Consumption
- Typical standby current: 1µA
 Security
- Software and hardware write protection
- Lockable 256-Byte OTP security sectors
- Low Voltage Write Inhibit
 High Reliability
- Endurance: 100,000program/erase cycles
- Data retention: 20years


Similar Part No. - ACE25C200

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE25C200G ACE-ACE25C200G Datasheet
1Mb / 48P
2M BIT SPI NOR FLASH
VER 1.1
More results

Similar Description - ACE25C200

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
ID240D01 SHARP-ID240D01 Datasheet
1Mb / 36P
2MB Flash Memory Card
ID243D01 SHARP-ID243D01 Datasheet
2Mb / 33P
2MB Flash Memory Card
ID244D01 SHARP-ID244D01 Datasheet
2Mb / 38P
2MB Flash Memory Card
logo
Ramtron International C...
FM25H20 RAMTRON-FM25H20 Datasheet
342Kb / 15P
2Mb Serial 3V F-RAM Memory
FM25V20 RAMTRON-FM25V20 Datasheet
531Kb / 17P
2Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V20 CYPRESS-FM25V20 Datasheet
531Kb / 17P
2Mb Serial 3V F-RAM Memory
FM25H20 CYPRESS-FM25H20 Datasheet
438Kb / 16P
2Mb Serial 3V F-RAM Memory
logo
Micron Technology
M25P20-VMN6TPB MICRON-M25P20-VMN6TPB Datasheet
592Kb / 45P
Micron M25P20 2Mb 3V Serial Flash Embedded Memory
M25P20-VMN6TPBA MICRON-M25P20-VMN6TPBA Datasheet
497Kb / 45P
Micron M25P20 2Mb 3V Serial Flash Embedded Memory
logo
PHOENIX CONTACT
2729389 PHOENIX-2729389 Datasheet
53Kb / 2P
Memory - IBS MC FLASH 2MB
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com