Electronic Components Datasheet Search
  English  ▼

X  

ACE25C200 Datasheet(PDF) 27 Page - ACE Technology Co., LTD.

Part # ACE25C200
Description  2MB Serial Flash Memory
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25C200 Datasheet(HTML) 27 Page - ACE Technology Co., LTD.

Back Button ACE25C200 Datasheet HTML 23Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 24Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 25Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 26Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 27Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 28Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 29Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 30Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 31Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
ACE25C200
2MB Serial Flash Memory
VER 1.2
27
Notes: 1. Checker Board Pattern
2. VIL min and VIH max are reference only and are not tested
AC Measurement Conditions
Symbol
Parameter
Spec
Unit
Min
Max
CL
Load capacitance
20
pF
TR, TF
Input rise and fall times
5
ns
VIN
Input pulse voltage
0.2 VCC to 0.8 VCC
V
IN
Input timing reference voltages
0.3 VCC to 0.7 VCC
V
OUT
Output timing reference voltages
0.5 VCC
V
Figure 25 AC Measurement I/O waveform
AC Electrical Characteristics
Applicable over recommended operating range from: TA=-40°C to 85°C, VCC=2.7V to 3.6V, (unless otherwise noted).
Symbol
Parameter
Spec
Unit
Min
Typ
Max
FR
Serial Clock Frequency for: FAST_READ, PP, SE, BE, DP, RES,
WREN, WRDI, WRSR
100
MHz
fR
Serial Clock Frequency for READ, RDSR, RDID
66
MHz
tCH
(1)
Serial Clock High Time
4
ns
tCL
(1)
Serial Clock Low Time
4
ns
tCLCH
(2)
Serial Clock Rise Time (Slew Rate)
0.1
V/ns
tCHCL
(2)
Serial Clock Fall Time (Slew Rate)
0.1
V/ns
tSLCH
CS# Active Setup Time
5
ns
tCHSH
CS# Active Hold Time
5
ns
tSHCH
CS# Not Active Setup Time
5
ns
tCHSL
CS# Not Active Hold Time
5
ns
tSHSL
CS# High Time (for Array Read  Array Read)
100
ns
tSHQZ
(2)
Output Disable Time
6
ns
tCLQX
Output Hold Time
0
ns
tDVCH
Data In Setup Time
2
ns
tCHDX
Data In Hold Time
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com