Electronic Components Datasheet Search
  English  ▼

X  

ACE25C200 Datasheet(PDF) 24 Page - ACE Technology Co., LTD.

Part # ACE25C200
Description  2MB Serial Flash Memory
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25C200 Datasheet(HTML) 24 Page - ACE Technology Co., LTD.

Back Button ACE25C200 Datasheet HTML 20Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 21Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 22Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 23Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 24Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 25Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 26Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 27Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 28Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
ACE25C200
2MB Serial Flash Memory
VER 1.2
24
Figure 22 Read JEDEC ID instruction
Enter OTP Mode (3Ah)
This Flash has an extra 256 bytes security sector, user must issue ENTER OTP MODE command to
read, program or erase security sector. After entering OTP mode, the security sector is mapping to
sector 63, SRP bit becomes LB and can be read with RDSR command. Program / Erase command
will be disabled when LB is ‘1’
WRSR command will ignore the input data and program LB to 1. User must clear the protect bits
before enter OTP mode.
Security sector can only be program and erase before LB equal ‘1’ and BP[2:0] = ‘000’. In OTP mode,
user can read other sectors, but program/erase o
ther sectors only allowed when LB equal ‘0’.
User can use WRDI (04h) command to exit OTP mode.
Sector
Sector size
Adress range
63
256 byte
07F000h-07F0FFh
Table 6 Security sector adress
Note: The secruty sector is mapping to sector 63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com