Electronic Components Datasheet Search
  English  ▼

X  

ACE25C200 Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE25C200
Description  2MB Serial Flash Memory
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25C200 Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE25C200 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
ACE25C200
2MB Serial Flash Memory
VER 1.2
4
Pin descriptions
Serial Clock (CLK): The SPI Serial Clock Input (CLK) pin provides the timing for serial input and
output operations.
Serial Data Input, Output and I/Os (DI, DO and DQ0, DQ1): The ACE25C200 supports standard SPI
and Dual SPI operation. Standard SPI instructions use the unidirectional D I (input) pin to serially write
instructions, addresses or data to the device on the rising edge of the Serial Clock (CLK) input pin.
Standard SPI also uses the unidirectional DO (output) to read data or status from the device on the
falling edge of CLK.
Dual SPI instructions use the bidirectional DQ pins to serially write instructions, addresses or data to
the device on the rising edge of CLK and read data or status from the device on the falling edge of
CLK.
Chip Select (CS#): The SPI Chip Select (CS#) pin enables and disables device operation. When
CS# is high, the device is deselected and the Serial Data Output (DO, or DQ0, DQ1) pins are at high
impedance. When deselected, the devices power consumption will be at standby levels unless an
internal erase, program or write status register cycle is in progress. When CS# is brought low, the
device will be selected, power consumption will increase to active levels and instructions can be
written to and data read from the device. After power-up, CS# must transition from high to low before
a new instruction will be accepted. The CS# input must track the VCC supply level at power -up (see
“9 Write Protection” and Figure 23). If needed a pull-up resister on CS# can be used to accomplish
this.
HOLD (HOLD#): The HOLD# pin allows the device to be paused while it is actively selected. When
HOLD# is brought low, while CS# is low, the DO pin will be at high impedance and signals on the DI
and CLK pins will be ignored (don’t care). When HOLD# is brought high, device operation can resume.
The HOLD# function can be useful when multiple devices are sharing the same SPI signals. The
HOLD# pin is active low.
Write Protect (WP#): The Write Protect (WP#) pin can be used to prevent the Status Registers from
being written. Used
in conjunction with the Status Register’s Block Protect (BP2, BP1 and BP0) bits
and Status Register Protect (SRP) bits, a portion as small as a 4KB sector or the entire memory array
can be hardware protected. The WP# pin is active low.
Memory Organization
The ACE25C200 array is organized into 1,024 programmable pages of 256-bytes each. Up to 256
bytes can be programmed (bits are programmed from 1 to 0) at a time. Pages can be erased in
groups of 16 (4KB sector erase), groups of 256 (64KB block erase) or the entire chip (chip erase). The
ACE25C200 has 64 erasable sectors and 4 erasable 64-k byte blocks respectively. The small 4KB
sectors allow for greater flexibility in applications that require data and parameter storage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com