Electronic Components Datasheet Search
  English  ▼

X  

ACE25C200 Datasheet(PDF) 26 Page - ACE Technology Co., LTD.

Part # ACE25C200
Description  2MB Serial Flash Memory
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25C200 Datasheet(HTML) 26 Page - ACE Technology Co., LTD.

Back Button ACE25C200 Datasheet HTML 22Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 23Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 24Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 25Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 26Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 27Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 28Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 29Page - ACE Technology Co., LTD. ACE25C200 Datasheet HTML 30Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
ACE25C200
2MB Serial Flash Memory
VER 1.2
26
Figure 24 Power-up Timing
DC Electrical Characteristics
Applicable over recommended operating range from: TA=-40°C to 85°C, VCC=2.7V to 3.6V, (unless otherwise noted).
Symbol
Parameter
Conditions
Spec
Unit
Min
Typ
Max
VCC
Supply voltage
2.7
3.6
V
ILI
Input leakage current
±2
uA
ILO
Output leakage
current
±2
uA
ICC1
Standby current
VCC=3.6V, CS#=VCC VIN=VSS or VCC
1
5
uA
ICC2
Deep power-down
current
VCC=3.6V, CS#=VCC VIN=VSS or VCC
1
5
uA
ICC3
VCC=3.6V, CLK=0.1, VCC/0.9VCC, at
100MHz, DQ open
25
mA
ICC4
Operating current
(WRSR)
VCC=3.6V, CS#=VCC
8
12
mA
ICC5
Operating current
(PP)
VCC=3.6V, CS#=VCC
20
25
mA
ICC6
Operating current
(SE)
VCC=3.6V, CS#=VCC
20
25
mA
ICC7
Operating current
(BE)
VCC=3.6V, CS#=VCC
20
25
mA
VIL(2)
Input low voltage
-0.5
0.3VCC
V
VIH(2)
Input high voltage
0.7VCC
VCC+0.4
V
VOL
Output low voltage
IOL=1.6mA
V
VOH
Output high voltage
IOH=-100uA
VCC-0.2
V
VWI
Write inhibit threshold
voltage
1.0
2.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com