Electronic Components Datasheet Search
  English  ▼

X  

ADS42LB49 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # ADS42LB49
Description  Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS42LB49 Datasheet(HTML) 33 Page - Texas Instruments

Back Button ADS42LB49 Datasheet HTML 29Page - Texas Instruments ADS42LB49 Datasheet HTML 30Page - Texas Instruments ADS42LB49 Datasheet HTML 31Page - Texas Instruments ADS42LB49 Datasheet HTML 32Page - Texas Instruments ADS42LB49 Datasheet HTML 33Page - Texas Instruments ADS42LB49 Datasheet HTML 34Page - Texas Instruments ADS42LB49 Datasheet HTML 35Page - Texas Instruments ADS42LB49 Datasheet HTML 36Page - Texas Instruments ADS42LB49 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 70 page
background image
f - Input Frequency - MHz
IN
SNR - dBFS
65.5
66
66.5
67
68
67.5
140
80
100
120
160
180
220
200
240
100
200
300
400
500
600
68.2
67.9
67.9
67.9
67.9
67.6
67.6
67.6
67.3
67.3
67.3
67
67
67
66.7
66.7
66.7
66.4
66.4
66.4
65.9
f - Input Frequency - MHz
IN
SNR - dBFS
71
71.5
70.5
72
72.5
73
73.4
73.4
73.4
73
73
73
72.6
72.6
72.6
72.2
72.2
72.2
71.8
71.8
71.8
71.3
71.3
71.3
70.3
70.8
70.8
400
100
150
200
100
200
120
140
160
180
220
240
50
250
350
300
80
71
70
ADS42JB49
ADS42JB69
www.ti.com
SLAS900C – OCTOBER 2012 – REVISED JULY 2013
TYPICAL CHARACTERISTICS: CONTOUR (continued)
Typical values are at TA = +25°C, full temperature range is TMIN = –40°C to TMAX = +85°C, ADC sampling rate = 250 MSPS,
50% clock duty cycle, AVDD = 1.8 V, AVDD3V = 3.3 V, DRVDD = 1.8 V, IOVDD = 1.8 V, –1-dBFS differential input, 2-VPP
full-scale, and 64k-point FFT, unless otherwise noted.
Signal-to-Noise Ratio (SNR): ADS42JB49
Figure 76. 0-dB GAIN (SNR, ADS42JB49)
Figure 77. 6-dB GAIN (SNR, ADS42JB49)
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: ADS42JB49 ADS42JB69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com