Electronic Components Datasheet Search
  English  ▼

X  

ADS42LB49 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # ADS42LB49
Description  Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS42LB49 Datasheet(HTML) 44 Page - Texas Instruments

Back Button ADS42LB49 Datasheet HTML 40Page - Texas Instruments ADS42LB49 Datasheet HTML 41Page - Texas Instruments ADS42LB49 Datasheet HTML 42Page - Texas Instruments ADS42LB49 Datasheet HTML 43Page - Texas Instruments ADS42LB49 Datasheet HTML 44Page - Texas Instruments ADS42LB49 Datasheet HTML 45Page - Texas Instruments ADS42LB49 Datasheet HTML 46Page - Texas Instruments ADS42LB49 Datasheet HTML 47Page - Texas Instruments ADS42LB49 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 70 page
background image
ADS42JB49
ADS42JB69
SLAS900C – OCTOBER 2012 – REVISED JULY 2013
www.ti.com
REGISTER
REGISTER DATA
ADDRESS
A[7:0] (Hex)
D7
D6
D5
D4
D3
D2
D1
D0
11
CUSTOM PATTERN 1 (7:0)
Default: 00h
D[7:0]
CUSTOM PATTERN 1 (7:0)
Sets custom pattern 1 (7:0) using these bits for both channels
REGISTER
REGISTER DATA
ADDRESS
A[7:0] (Hex)
D7
D6
D5
D4
D3
D2
D1
D0
12
CUSTOM PATTERN 2 (15:8)
Default: 00h
D[7:0]
CUSTOM PATTERN 2 (15:8) Sets custom pattern 2 (15:8) using these bits for both channels
REGISTER
REGISTER DATA
ADDRESS
A[7:0] (Hex)
D7
D6
D5
D4
D3
D2
D1
D0
13
CUSTOM PATTERN 2 (7:0)
Default: 00h
D[7:0]
CUSTOM PATTERN 2 (7:0)
Sets custom pattern 2 (7:0) using these bits for both channels
REGISTER
REGISTER DATA
ADDRESS
A[7:0] (Hex)
D7
D6
D5
D4
D3
D2
D1
D0
1F
Always write 0
FAST OVR THRESHOLD
Default: FFh
D7
Always write 0
Default value of this bit is '1'. Always write this bit to '0' when fast OVR thresholds are programmed.
D[6:0]
FAST OVR THRESHOLD
The device has a fast OVR mode that indicates an overload condition at the ADC input. The input voltage level at which the
overload is detected is referred to as the threshold and is programmable using the FAST OVR THRESHOLD bits. FAST OVR is
triggered nine output clock cycles after the overload condition occurs. The threshold at which fast OVR is triggered is (full-scale ×
[the decimal value of the FAST OVR THRESHOLD bits] / 127). See section OVERRANGE INDICATION for details.
44
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: ADS42JB49 ADS42JB69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com