Electronic Components Datasheet Search
  English  ▼

X  

ADS42LB49 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS42LB49
Description  Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS42LB49 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS42LB49 Datasheet HTML 6Page - Texas Instruments ADS42LB49 Datasheet HTML 7Page - Texas Instruments ADS42LB49 Datasheet HTML 8Page - Texas Instruments ADS42LB49 Datasheet HTML 9Page - Texas Instruments ADS42LB49 Datasheet HTML 10Page - Texas Instruments ADS42LB49 Datasheet HTML 11Page - Texas Instruments ADS42LB49 Datasheet HTML 12Page - Texas Instruments ADS42LB49 Datasheet HTML 13Page - Texas Instruments ADS42LB49 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
ADS42JB49
ADS42JB69
SLAS900C – OCTOBER 2012 – REVISED JULY 2013
www.ti.com
DIGITAL CHARACTERISTICS
The dc specifications refer to the condition where the digital outputs are not switching, but are permanently at a valid logic
level '0' or '1'. AVDD = 1.8 V, AVDD3V = 3.3 V, DRVDD = 1.8 V, and IOVDD = 1.8 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL INPUTS (RESET, SCLK, SEN, SDATA, PDN_GBL, STBY, CTRL1, CTRL2, MODE)(1)
All digital inputs support 1.8-V and 3.3-V logic
High-level input voltage
1.2
V
levels
All digital inputs support 1.8-V and 3.3-V logic
Low-level input voltage
0.4
V
levels
SEN
0
µA
High-level input current
RESET, SCLK, SDATA, PDN_GBL, STBY,
10
µA
CTRL1, CTRL2, MODE
SEN
10
µA
Low-level input current
RESET, SCLK, SDATA, PDN_GBL, STBY,
0
µA
CTRL1, CTRL2, MODE
DIGITAL INPUTS (SYNC~P, SYNC~M, SYSREFP, SYSREFM)
High-level input voltage
1.3
V
Low-level input voltage
0.5
V
VCM_DIG
Input common-mode voltage
0.9
V
DIGITAL OUTPUTS (SDOUT, OVRA, OVRB)
DRVDD
High-level output voltage
DRVDD
V
– 0.1
Low-level output voltage
0.1
V
DIGITAL OUTPUTS (JESD204B Interface: DA[0,1], DB[0,1])(2)
High-level output voltage
IOVDD
V
Low-level output voltage
IOVDD – 0.4
V
|VOD|
Output differential voltage
0.4
V
VOCM
Output common-mode voltage
IOVDD – 0.2
V
Transmitter terminals shorted to any voltage
Transmitter short-circuit current
–100
100
mA
between –0.25 V and 1.45 V
Single-ended output impedance
50
Ω
Output capacitance inside the device,
Output capacitance
2
pF
from either output to ground
(1)
RESET, SCLK, SDATA, PDN_GBL, STBY, CTRL1, CTRL2 and MODE pins have 150-k
Ω (typical) internal pull-down resistor to ground,
while SEN pin has 150-k
Ω (typical) pull-up resistor to AVDD.
(2)
50-
Ω, single-ended external termination to IOVDD.
10
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: ADS42JB49 ADS42JB69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com