Electronic Components Datasheet Search
  English  ▼

X  

ADS42LB49 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS42LB49
Description  Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS42LB49 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS42LB49 Datasheet HTML 2Page - Texas Instruments ADS42LB49 Datasheet HTML 3Page - Texas Instruments ADS42LB49 Datasheet HTML 4Page - Texas Instruments ADS42LB49 Datasheet HTML 5Page - Texas Instruments ADS42LB49 Datasheet HTML 6Page - Texas Instruments ADS42LB49 Datasheet HTML 7Page - Texas Instruments ADS42LB49 Datasheet HTML 8Page - Texas Instruments ADS42LB49 Datasheet HTML 9Page - Texas Instruments ADS42LB49 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
ADS42JB49
ADS42JB69
SLAS900C – OCTOBER 2012 – REVISED JULY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS: GENERAL
Typical values are at +25°C, AVDD = 1.8 V, AVDD3V = 3.3 V, DRVDD = 1.8 V, IOVDD = 1.8 V, 50% clock duty cycle, –1-
dBFS differential analog input, and sampling rate = 250 MSPS, unless otherwise noted. Minimum and maximum values are
across the full temperature range: TMIN = –40°C to TMAX = +85°C, AVDD = 1.8 V, AVDD3V = 3.3 V, DRVDD = 1.8 V, and
IOVDD = 1.8 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUTS
Default (after reset)
2
VPP
Differential input voltage
VID
range
Register programmed(1)
2.5
VPP
Differential input resistance (at 170 MHz)
1.2
k
Ω
Differential input capacitance (at 170 MHz)
4
pF
With 50-
Ω source impedance, and 50-Ω
Analog input bandwidth
900
MHz
termination
VCM
Common-mode output voltage
1.9
V
VCM output current capability
10
mA
DC ACCURACY
Offset error
–20
20
mV
Gain error as a result of
EGREF
internal reference inaccuracy
±2
%FS
alone
EGCHAN
Gain error of channel alone
–5
%FS
Temperature coefficient of
0.01
Δ%/°C
EGCHAN
POWER SUPPLY
IAVDD
Analog supply current
128
160
mA
IAVDD3V
Analog buffer supply current
290
330
mA
IDRVDD
Digital supply current
228
252
mA
50-
Ω external termination from pin to IOVDD,
IOVDD
Output buffer supply current
60
100
mA
fIN = 2.5 MHz
Analog power
231
mW
Analog buffer power
957
mW
Digital power
410
mW
Power consumption by output
50-
Ω external termination from pin to IOVDD,
109
mW
buffer
fIN = 2.5 MHz
Total power
1.7
1.96
W
Global power-down
160
mW
(1)
Refer to the Serial Interface section.
6
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: ADS42JB49 ADS42JB69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com