Electronic Components Datasheet Search
  English  ▼

X  

ADS42LB49 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # ADS42LB49
Description  Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS42LB49 Datasheet(HTML) 15 Page - Texas Instruments

Back Button ADS42LB49 Datasheet HTML 11Page - Texas Instruments ADS42LB49 Datasheet HTML 12Page - Texas Instruments ADS42LB49 Datasheet HTML 13Page - Texas Instruments ADS42LB49 Datasheet HTML 14Page - Texas Instruments ADS42LB49 Datasheet HTML 15Page - Texas Instruments ADS42LB49 Datasheet HTML 16Page - Texas Instruments ADS42LB49 Datasheet HTML 17Page - Texas Instruments ADS42LB49 Datasheet HTML 18Page - Texas Instruments ADS42LB49 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 70 page
background image
−110
−108
−106
−104
−102
−100
−98
−36
−33
−30
−27
−24
−21
−18
−15
−12
−9 −7
Each Tone Amplitude (dBFS)
fIN1 = 46 MHz
fIN2 = 50 MHz
G011
−110
−108
−106
−104
−102
−100
−98
−96
−94
−92
−90
−36
−33
−30
−27
−24
−21
−18
−15
−12
−9 −7
Each Tone Amplitude (dBFS)
fIN1 = 185 MHz
fIN2 = 190 MHz
G001
−120
−100
−80
−60
−40
−20
0
0
25
50
75
100
125
Frequency (MHz)
Each Tone at
−7 dBFS Amplitude
fIN1 = 185 MHz
fIN2 = 190 MHz
2−Tone IMD = 90 dBFS
SFDR = 102 dBFS
G009
−120
−100
−80
−60
−40
−20
0
0
25
50
75
100
125
Frequency (MHz)
Each Tone at
−36 dBFS Amplitude
fIN1 = 185 MHz
fIN2 = 190 MHz
2−Tone IMD = 101 dBFS
SFDR = 104 dBFS
G010
ADS42JB49
ADS42JB69
www.ti.com
SLAS900C – OCTOBER 2012 – REVISED JULY 2013
TYPICAL CHARACTERISTICS: ADS42JB69 (continued)
Typical values are at TA = +25°C, ADC sampling rate = 250 MSPS, 50% clock duty cycle, AVDD = 1.8 V, AVDD3V = 3.3 V,
DRVDD = 1.8 V, IOVDD = 1.8 V, –1-dBFS differential input, 2-VPP full-scale, and 32k-point FFT, unless otherwise noted.
Figure 14. FFT FOR TWO-TONE INPUT SIGNAL
Figure 15. FFT FOR TWO-TONE INPUT SIGNAL
(–7 dBFS at 185 MHz and 190 MHz)
(–36 dBFS at 185 MHz and 190 MHz)
Figure 16. INTERMODULATION DISTORTION vs
Figure 17. INTERMODULATION DISTORTION vs
INPUT AMPLITUDE (46 MHz and 50 MHz)
INPUT AMPLITUDE (185 MHz and 190 MHz)
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: ADS42JB49 ADS42JB69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com