Electronic Components Datasheet Search
  English  ▼

X  

ADS42LB49 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # ADS42LB49
Description  Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS42LB49 Datasheet(HTML) 24 Page - Texas Instruments

Back Button ADS42LB49 Datasheet HTML 20Page - Texas Instruments ADS42LB49 Datasheet HTML 21Page - Texas Instruments ADS42LB49 Datasheet HTML 22Page - Texas Instruments ADS42LB49 Datasheet HTML 23Page - Texas Instruments ADS42LB49 Datasheet HTML 24Page - Texas Instruments ADS42LB49 Datasheet HTML 25Page - Texas Instruments ADS42LB49 Datasheet HTML 26Page - Texas Instruments ADS42LB49 Datasheet HTML 27Page - Texas Instruments ADS42LB49 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 70 page
background image
60
70
80
90
100
110
120
−2 −1.5 −1 −0.5 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6
Digital Gain (dB)
10 MHz
70 MHz
100 MHz
130 MHz
170 MHz
230 MHz
270 MHz
350 MHz
400 MHz
491 MHz
G045
66
67
68
69
70
71
72
73
74
75
76
77
−2 −1.5 −1 −0.5 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6
Digital Gain (dB)
10 MHz
70 MHz
100 MHz
130 MHz
170 MHz
230 MHz
270 MHz
350 MHz
400 MHz
491 MHz
G046
60
65
70
75
80
85
90
95
100
0
50
100
150
200
250
300
350
400
Input Frequency (MHz)
2−VPP Full−Scale
2.5−VPP Full−Scale
G043
69
70
71
72
73
74
75
76
0
50
100
150
200
250
300
350
400
Input Frequency (MHz)
2−VPP Full−Scale
2.5−VPP Full−Scale
G044
ADS42JB49
ADS42JB69
SLAS900C – OCTOBER 2012 – REVISED JULY 2013
www.ti.com
TYPICAL CHARACTERISTICS: ADS42JB49 (continued)
Typical values are at TA = +25°C, full temperature range is TMIN = –40°C to TMAX = +85°C, ADC sampling rate = 250 MSPS,
50% clock duty cycle, AVDD = 1.8 V, AVDD3V = 3.3 V, DRVDD = 1.8 V, IOVDD = 1.8 V, –1-dBFS differential input, 2-VPP
full-scale, and 32k-point FFT, unless otherwise noted.
Figure 48. SPURIOUS-FREE DYNAMIC RANGE vs
Figure 49. SIGNAL-TO-NOISE RATIO vs
INPUT FREQUENCY
INPUT FREQUENCY
Figure 50. SPURIOUS-FREE DYNAMIC RANGE vs
Figure 51. SIGNAL-TO-NOISE RATIO vs
DIGITAL GAIN
DIGITAL GAIN
24
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: ADS42JB49 ADS42JB69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com