Electronic Components Datasheet Search
  English  ▼

X  

ADS42LB49 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # ADS42LB49
Description  Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS42LB49 Datasheet(HTML) 29 Page - Texas Instruments

Back Button ADS42LB49 Datasheet HTML 25Page - Texas Instruments ADS42LB49 Datasheet HTML 26Page - Texas Instruments ADS42LB49 Datasheet HTML 27Page - Texas Instruments ADS42LB49 Datasheet HTML 28Page - Texas Instruments ADS42LB49 Datasheet HTML 29Page - Texas Instruments ADS42LB49 Datasheet HTML 30Page - Texas Instruments ADS42LB49 Datasheet HTML 31Page - Texas Instruments ADS42LB49 Datasheet HTML 32Page - Texas Instruments ADS42LB49 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 70 page
background image
±120
±100
±80
±60
±40
±20
0
0
20
40
60
80
100
120
Frequency (Mhz)
C063
f
IN = 20 MHz
SFDR = 87 dBc
f
PSRR = 5 MHz, 50 mVPP
Amplitude (f
IN) = -1 dBFS
Amplitude (f
PSRR) = -88 dBFS
Amplitude (f
IN + fPSRR) = -97.8
dBFS
−90
−80
−70
−60
−50
−40
−30
−20
0
50
100
150
200
250
300
Test Signal Frequency on Supply (MHz)
50−mVPP Signal Superimposed on AVDD
100−mVPP Signal Superimposed on AVDD3V
Input Frequency = 20MHz
G064
±120
±100
±80
±60
±40
±20
0
0
20
40
60
80
100
120
Frequency (Mhz)
C061
f
IN = 100 MHz
SFDR = 86 dBc
f
CM = 5 MHz, 50 mVPP
Amplitude (f
IN) = -1 dBFS
Amplitude (f
CM) = -105 dBFS
Amplitude (f
IN + fCM) = -90 dBFS
Amplitude (f
IN - fCM) = -87 dBFS
−65
−60
−55
−50
−45
−40
−35
−30
−25
−20
−15
−10
−5
0
0
50
100
150
200
250
300
Common−Mode Test Signal Frequency (MHz)
Input Frequency = 10MHz
50−mVPP Signal Superimposed on VCM
G062
ADS42JB49
ADS42JB69
www.ti.com
SLAS900C – OCTOBER 2012 – REVISED JULY 2013
TYPICAL CHARACTERISTICS: COMMON
Typical values are at TA = +25°C, full temperature range is TMIN = –40°C to TMAX = +85°C, ADC sampling rate = 250 MSPS,
50% clock duty cycle, AVDD = 1.8 V, AVDD3V = 3.3 V, DRVDD = 1.8 V, IOVDD = 1.8 V, –1-dBFS differential input, 2-VPP
full-scale, and 64k-point FFT, unless otherwise noted.
Figure 66. COMMON-MODE REJECTION RATIO FFT
Figure 67. COMMON-MODE REJECTION RATIO vs
TEST SIGNAL FREQUENCY
Figure 68. POWER-SUPPLY REJECTION RATIO FFT FOR
Figure 69. POWER-SUPPLY REJECTION RATIO vs
AVDD SUPPLY
TEST SIGNAL FREQUENCY
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: ADS42JB49 ADS42JB69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com