Electronic Components Datasheet Search
  English  ▼

X  

ADS42LB49 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # ADS42LB49
Description  Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS42LB49 Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADS42LB49 Datasheet HTML 13Page - Texas Instruments ADS42LB49 Datasheet HTML 14Page - Texas Instruments ADS42LB49 Datasheet HTML 15Page - Texas Instruments ADS42LB49 Datasheet HTML 16Page - Texas Instruments ADS42LB49 Datasheet HTML 17Page - Texas Instruments ADS42LB49 Datasheet HTML 18Page - Texas Instruments ADS42LB49 Datasheet HTML 19Page - Texas Instruments ADS42LB49 Datasheet HTML 20Page - Texas Instruments ADS42LB49 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 70 page
background image
1.85
1.87
1.9
1.93
1.95
82
84
86
89
92
94
96
99
72.5
73
73.5
74
74.5
75
75.5
76
Input Common−Mode Voltage (V)
SFDR
SNR
Input Frequency = 70 MHz
G019
1.85
1.87
1.9
1.93
1.95
80
83
86
89
92
95
98
101
72
72.5
73
73.5
74
74.5
75
75.5
Input Common−Mode Voltage (V)
SFDR
SNR
Input Frequency = 170 MHz
G020
−70
−60
−50
−40
−30
−20
−10
0
71.5
72
72.5
73
73.5
74
74.5
75
75.5
76
76.5
77
20
30
40
50
60
70
80
90
100
110
120
130
Amplitude (dBFS)
SNR(dBFS)
SFDR(dBc)
SFDR(dBFS)
Input Frequency = 70 MHz
G017
−70
−60
−50
−40
−30
−20
−10
0
72
72.5
73
73.5
74
74.5
75
75.5
76
76.5
77
77.5
20
30
40
50
60
70
80
90
100
110
120
130
Amplitude (dBFS)
SNR(dBFS)
SFDR(dBc)
SFDR(dBFS)
Input Frequency = 170 MHz
G018
ADS42JB49
ADS42JB69
www.ti.com
SLAS900C – OCTOBER 2012 – REVISED JULY 2013
TYPICAL CHARACTERISTICS: ADS42JB69 (continued)
Typical values are at TA = +25°C, ADC sampling rate = 250 MSPS, 50% clock duty cycle, AVDD = 1.8 V, AVDD3V = 3.3 V,
DRVDD = 1.8 V, IOVDD = 1.8 V, –1-dBFS differential input, 2-VPP full-scale, and 32k-point FFT, unless otherwise noted.
Figure 22. PERFORMANCE vs INPUT AMPLITUDE
Figure 23. PERFORMANCE vs INPUT AMPLITUDE
(70 MHz)
(170 MHz)
Figure 24. PERFORMANCE vs
Figure 25. PERFORMANCE vs
INPUT COMMON-MODE VOLTAGE (70 MHz)
INPUT COMMON-MODE VOLTAGE (170 MHz)
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: ADS42JB49 ADS42JB69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com