Electronic Components Datasheet Search
  English  ▼

X  

ADS42LB49 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # ADS42LB49
Description  Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS42LB49 Datasheet(HTML) 35 Page - Texas Instruments

Back Button ADS42LB49 Datasheet HTML 31Page - Texas Instruments ADS42LB49 Datasheet HTML 32Page - Texas Instruments ADS42LB49 Datasheet HTML 33Page - Texas Instruments ADS42LB49 Datasheet HTML 34Page - Texas Instruments ADS42LB49 Datasheet HTML 35Page - Texas Instruments ADS42LB49 Datasheet HTML 36Page - Texas Instruments ADS42LB49 Datasheet HTML 37Page - Texas Instruments ADS42LB49 Datasheet HTML 38Page - Texas Instruments ADS42LB49 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 70 page
background image
R/W
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
Register Address <5:0>
Register Data <7:0>
SDATA
SCLK
tSCLK
tDSU
tDH
SEN
tSLOADS
tSLOADH
RESET
0
= 0
ADS42JB49
ADS42JB69
www.ti.com
SLAS900C – OCTOBER 2012 – REVISED JULY 2013
Serial Register Write
The internal device register can be programmed following these steps:
1. Drive the SEN pin low.
2. Set the R/W bit to ‘0’ (bit A7 of the 8-bit address).
3. Set bit A6 in the address field to ‘0’.
4. Initiate a serial interface cycle specifying the address of the register (A5 to A0) whose content must be
written (as shown in Figure 79 and Table 4).
5. Write the 8-bit data that is latched on the SCLK rising edge.
Figure 79. Serial Register Write Timing Diagram
Table 4. Serial Interface Timing(1)
PARAMETER
MIN
TYP
MAX
UNIT
fSCLK
SCLK frequency (equal to 1 / tSCLK)
> dc
20
MHz
tSLOADS
SEN to SCLK setup time
25
ns
tSLOADH
SCLK to SEN hold time
25
ns
tDSU
SDIO setup time
25
ns
tDH
SDIO hold time
25
ns
(1)
Typical values are at +25°C, minimum and maximum values are across the full temperature range of TMIN = –40°C to TMAX = +85°C,
AVDD3V = 3.3 V, and AVDD = DRVDD = IOVDD = 1.8 V, unless otherwise noted.
Serial Register Readout
The device includes a mode where the contents of the internal registers can be read back. This readback mode
may be useful as a diagnostic check to verify the serial interface communication between the external controller
and the ADC.
1. Set bit A7 (MSB) of 8 bit address to '1'.
2. Write the address of register on bits A5 through A0 whose contents must be read. See Figure 80
3. The device outputs the contents (D7 to D0) of the selected register on the SDOUT pin (pin 45).
4. The external controller can latch the contents at the SCLK rising edge.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: ADS42JB49 ADS42JB69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com