Electronic Components Datasheet Search
  English  ▼

X  

ADS42LB49 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # ADS42LB49
Description  Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS42LB49 Datasheet(HTML) 30 Page - Texas Instruments

Back Button ADS42LB49 Datasheet HTML 26Page - Texas Instruments ADS42LB49 Datasheet HTML 27Page - Texas Instruments ADS42LB49 Datasheet HTML 28Page - Texas Instruments ADS42LB49 Datasheet HTML 29Page - Texas Instruments ADS42LB49 Datasheet HTML 30Page - Texas Instruments ADS42LB49 Datasheet HTML 31Page - Texas Instruments ADS42LB49 Datasheet HTML 32Page - Texas Instruments ADS42LB49 Datasheet HTML 33Page - Texas Instruments ADS42LB49 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 70 page
background image
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
50
100
150
200
250
Sampling Speed (MSPS)
AVDD Power
DVDD Power
IOVDD Power
AVDD3V Power
Total Power
G065
0
0.03
0.06
0.09
0.12
0.15
0.18
0
50
100
150
200
250
Sampling Speed (MSPS)
20X Mode
10X Mode
G066
ADS42JB49
ADS42JB69
SLAS900C – OCTOBER 2012 – REVISED JULY 2013
www.ti.com
TYPICAL CHARACTERISTICS: COMMON (continued)
Typical values are at TA = +25°C, full temperature range is TMIN = –40°C to TMAX = +85°C, ADC sampling rate = 250 MSPS,
50% clock duty cycle, AVDD = 1.8 V, AVDD3V = 3.3 V, DRVDD = 1.8 V, IOVDD = 1.8 V, –1-dBFS differential input, 2-VPP
full-scale, and 64k-point FFT, unless otherwise noted.
Figure 70. TOTAL POWER vs SAMPLING FREQUENCY
Figure 71. IOVDD POWER vs SAMPLING FREQUENCY
30
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: ADS42JB49 ADS42JB69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com