Electronic Components Datasheet Search
  English  ▼

X  

ADS42LB49 Datasheet(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
Part # ADS42LB49
Description  Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS42LB49 Datasheet(HTML) 62 Page - Texas Instruments

Back Button ADS42LB49 Datasheet HTML 58Page - Texas Instruments ADS42LB49 Datasheet HTML 59Page - Texas Instruments ADS42LB49 Datasheet HTML 60Page - Texas Instruments ADS42LB49 Datasheet HTML 61Page - Texas Instruments ADS42LB49 Datasheet HTML 62Page - Texas Instruments ADS42LB49 Datasheet HTML 63Page - Texas Instruments ADS42LB49 Datasheet HTML 64Page - Texas Instruments ADS42LB49 Datasheet HTML 65Page - Texas Instruments ADS42LB49 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 70 page
background image
10
S
N
D
P
SINAD = 10Log
P + P
10
S
N
P
SNR = 10Log
P
ADS42JB49
ADS42JB69
SLAS900C – OCTOBER 2012 – REVISED JULY 2013
www.ti.com
DEFINITION OF SPECIFICATIONS
Analog Bandwidth: The analog input frequency at which the power of the fundamental is reduced by 3 dB with
respect to the low-frequency value.
Aperture Delay: The delay in time between the rising edge of the input sampling clock and the actual time at
which the sampling occurs. This delay is different across channels. The maximum variation is specified as
aperture delay variation (channel-to-channel).
Aperture Uncertainty (Jitter): The sample-to-sample variation in aperture delay.
Clock Pulse Width and Duty Cycle: The duty cycle of a clock signal is the ratio of the time the clock signal
remains at a logic high (clock pulse width) to the period of the clock signal. Duty cycle is typically expressed as a
percentage. A perfect differential sine-wave clock results in a 50% duty cycle.
Maximum Conversion Rate: The maximum sampling rate at which specified operation is given. All parametric
testing is performed at this sampling rate unless otherwise noted.
Minimum Conversion Rate: The minimum sampling rate at which the ADC functions.
Differential Nonlinearity (DNL): An ideal ADC exhibits code transitions at analog input values spaced exactly 1
LSB apart. The DNL is the deviation of any single step from this ideal value, measured in units of LSBs.
Integral Nonlinearity (INL): The INL is the deviation of the ADC transfer function from a best fit line determined
by a least squares curve fit of that transfer function, measured in units of LSBs.
Gain Error: Gain error is the deviation of the ADC actual input full-scale range from its ideal value. The gain
error is given as a percentage of the ideal input full-scale range. Gain error has two components: error as a
result of reference inaccuracy (EGREF) and error as a result of the channel (EGCHAN). Both errors are specified
independently as EGREF and EGCHAN.
To a first-order approximation, the total gain error is ETOTAL ~ EGREF + EGCHAN.
For example, if ETOTAL = ±0.5%, the full-scale input varies from (1 – 0.5 / 100) x FSideal to (1 + 0.5 / 100) x FSideal.
Offset Error: The offset error is the difference, given in number of LSBs, between the ADC actual average idle
channel output code and the ideal average idle channel output code. This quantity is often mapped into millivolts.
Temperature Drift: The temperature drift coefficient (with respect to gain error and offset error) specifies the
change per degree Celsius of the parameter from TMIN to TMAX. Temperature drift is calculated by dividing the
maximum deviation of the parameter across the TMIN to TMAX range by the difference TMAX – TMIN.
Signal-to-Noise Ratio (SNR): SNR is the ratio of the power of the fundamental (PS) to the noise floor power
(PN), excluding the power at dc and the first nine harmonics.
(4)
SNR is either given in units of dBc (dB to carrier) when the absolute power of the fundamental is used as the
reference, or dBFS (dB to full-scale) when the power of the fundamental is extrapolated to the converter full-
scale range.
Signal-to-Noise and Distortion (SINAD): SINAD is the ratio of the power of the fundamental (PS) to the power
of all the other spectral components including noise (PN) and distortion (PD), but excluding dc.
(5)
SINAD is either given in units of dBc (dB to carrier) when the absolute power of the fundamental is used as the
reference, or dBFS (dB to full-scale) when the power of the fundamental is extrapolated to the converter full-
scale range.
62
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: ADS42JB49 ADS42JB69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com