Electronic Components Datasheet Search
  English  ▼

X  

ADS42LB49 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # ADS42LB49
Description  Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS42LB49 Datasheet(HTML) 41 Page - Texas Instruments

Back Button ADS42LB49 Datasheet HTML 37Page - Texas Instruments ADS42LB49 Datasheet HTML 38Page - Texas Instruments ADS42LB49 Datasheet HTML 39Page - Texas Instruments ADS42LB49 Datasheet HTML 40Page - Texas Instruments ADS42LB49 Datasheet HTML 41Page - Texas Instruments ADS42LB49 Datasheet HTML 42Page - Texas Instruments ADS42LB49 Datasheet HTML 43Page - Texas Instruments ADS42LB49 Datasheet HTML 44Page - Texas Instruments ADS42LB49 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 70 page
background image
ADS42JB49
ADS42JB69
www.ti.com
SLAS900C – OCTOBER 2012 – REVISED JULY 2013
REGISTER
REGISTER DATA
ADDRESS
A[7:0] (Hex)
D7
D6
D5
D4
D3
D2
D1
D0
B
CHA GAIN
CHA GAIN EN
0
0
Default: 00h
D[7:3]
CHA GAIN
Digital gain for channel A (must set the CHA GAIN EN bit first, bit D2)
Table 8. Digital Gain for Channel A
FULL-SCALE
FULL-SCALE
REGISTER VALUE
DIGITAL GAIN
REGISTER VALUE
DIGITAL GAIN
INPUT VOLTAGE
INPUT VOLTAGE
00000
0 dB
2.0 VPP
01010
1.5 dB
1.7 VPP
00001
Do not use
—
01011
2 dB
1.6 VPP
00010
Do not use
—
01100
2.5 dB
1.5 VPP
00011
–2.0 dB
2.5 VPP
01101
3 dB
1.4 VPP
00100
–1.5 dB
2.4 VPP
01110
3.5 dB
1.3 VPP
00101
–1.0 dB
2.2 VPP
01111
4 dB
1.25 VPP
00110
–0.5 dB
2.1 VPP
10000
4.5 dB
1.2 VPP
00111
0 dB
2.0 VPP
10001
5 dB
1.1 VPP
01000
0.5 dB
1.9 VPP
10010
5.5 dB
1.05 VPP
01001
1 dB
1.8 VPP
10011
6 dB
1.0 VPP
D2
CHA GAIN EN
Digital gain enable bit for channel A
0
Digital gain disabled
1
Digital gain enabled
REGISTER
REGISTER DATA
ADDRESS
A[7:0] (Hex)
D7
D6
D5
D4
D3
D2
D1
D0
CHB GAIN
C
CHB GAIN
0
0
EN
Default: 00h
D[7:3]
CHB GAIN
Digital gain for channel B (must set the CHA GAIN EN bit first, bit D2)
Table 9. Digital Gain for Channel B
FULL-SCALE
FULL-SCALE
REGISTER VALUE
DIGITAL GAIN
REGISTER VALUE
DIGITAL GAIN
INPUT VOLTAGE
INPUT VOLTAGE
00000
0 dB
2.0 VPP
01010
1.5 dB
1.7 VPP
00001
Do not use
—
01011
2 dB
1.6 VPP
00010
Do not use
—
01100
2.5 dB
1.5 VPP
00011
–2.0 dB
2.5 VPP
01101
3 dB
1.4 VPP
00100
–1.5 dB
2.4 VPP
01110
3.5 dB
1.3 VPP
00101
–1.0 dB
2.2 VPP
01111
4 dB
1.25 VPP
00110
–0.5 dB
2.1 VPP
10000
4.5 dB
1.2 VPP
00111
0 dB
2.0 VPP
10001
5 dB
1.1 VPP
01000
0.5 dB
1.9 VPP
10010
5.5 dB
1.05 VPP
01001
1 dB
1.8 VPP
10011
6 dB
1.0 VPP
D2
CHB GAIN EN
Digital gain enable bit for channel B
0
Digital gain disabled
1
Digital gain enabled
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Links: ADS42JB49 ADS42JB69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com