Electronic Components Datasheet Search
  English  ▼

X  

10XSC425 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # 10XSC425
Description  Quad High Side Switch
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

10XSC425 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button 10XSC425 Datasheet HTML 19Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 20Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 21Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 22Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 23Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 24Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 25Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 26Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
23
10XSC425
PWM MODULE TIMING
fIN0
Input PWM Clock Range on IN0
7.68
–
30.72
kHz
fIN0(LOW)
Input PWM Clock Low Frequency Detection Range on IN0
1.0
2.0
4.0
kHz
(35)
fIN0(HIGH)
Input PWM Clock High Frequency Detection Range on IN0
100
–
400
kHz
(35)
fPWM
Output PWM Frequency Range using External Clock on IN0
31.25
–
781
Hz
AFPWM(CAL) Output PWM Frequency Accuracy using Calibrated Oscillator
-10
–
+10
%
fPWM(0)
Default Output PWM Frequency using Internal Oscillator
84
120
156
Hz
tCSB(MIN)
CSB Calibration Low Minimum Time Detection Range
14
20
26
s
tCSB(MAX)
CSB Calibration Low Maximum Tine Detection Range
140
200
260
s
RPWM_1k
Output PWM Duty Cycle Range for fPWM = 1.0 kHz for high speed slew rate
10
–
94
%
(35)
RPWM_400 Output PWM Duty Cycle Range for fPWM = 400 Hz
6.0
–
98
%
(35)
RPWM_200 Output PWM Duty Cycle Range for fPWM = 200 Hz
5.0
–
98
%
(35)
INPUT TIMING
tIN
Direct Input Toggle Timeout
175
250
325
ms
AUTORETRY TIMING
tAUTO
Autoretry Period
105
150
195
ms
TEMPERATURE ON THE GND FLAG
TOTWAR
Thermal Prewarning Detection
110
125
140
°C
(36)
TFEED
Analog Temperature Feedback at TA = 25 °C with RCSNS = 2.5 k
1.15
1.20
1.25
V
DTFEED
Analog Temperature Feedback Derating with RCSNS = 2.5 k
-3.5
-3.7
-3.9
mV/°C
(37)
Notes
34.
Clock Fail detector available for PWM_en bit is set to logic [1] and CLOCK_sel is set to logic [0].
35.
The PWM ratio is measured at VHS = 50% of VPWR and for the default SR value. It is possible to put the device fully on (PWM duty cycle
100%) and fully off (duty cycle 0%). For values outside this range, a calibration is needed between the PWM duty cycle programming and
the PWM on the output with RL = 5.0  resistive load.
36.
Typical value guaranteed per design.
37.
Value guaranteed per statistical analysis.
Table 5. Dynamic Electrical Characteristics (continued)
Characteristics noted under conditions 6.0 V
VPWR  20 V, 3.0 V  VDD  5.5 V, -40 C  TA  125 C, GND = 0 V, unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless
otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com