Electronic Components Datasheet Search
  English  ▼

X  

10XSC425 Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # 10XSC425
Description  Quad High Side Switch
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

10XSC425 Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button 10XSC425 Datasheet HTML 47Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 48Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 49Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 50Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 51Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 52Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 53Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 54Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 56 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
51
10XSC425
8
Packaging
8.1
Soldering Information
The 10XSC425 was qualified in accordance with JEDEC standards J-STD-020C Pb-free reflow profile. The maximum peak
temperature during the soldering process should not exceed 260 °C for 40 seconds maximum duration.
8.2
Marking Information
The device is identified by the part number: 10XSC425.
Device markings indicate build information containing the week and year of manufacture. The date is coded with the last four
characters of the nine character build information code (e.g. “CTKAH0929”). The date is coded as four numerical digits where
the first two digits indicate the year and the last two digits indicate the week. For instance, the date code “1329” indicates the 29th
week of the year 2013.
8.3
Package Mechanical Dimensions
Package dimensions are provided in package drawings. To find the most current package outline drawing, go to
www.freescale.com and perform a keyword search for the drawing’s document number.
Table 25. Package Outline
Package
Suffix
Package Outline Drawing Number
32-Pin SOIC-EP
EK
98ASA00368D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com