Electronic Components Datasheet Search
  English  ▼

X  

10XSC425 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # 10XSC425
Description  Quad High Side Switch
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

10XSC425 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button 10XSC425 Datasheet HTML 11Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 12Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 13Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 14Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 15Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 16Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 17Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 18Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
15
10XSC425
OUTPUTS HS0 TO HS3 (CONTINUED)
VCL(CSNS)
Current Sense Clamp Voltage
• CSNS Open; IHS[0:3] = 5.0 A with CSR0 ratio
VDD+0.25
–
VDD+1.0
V
IOLD(OFF)
OFF OpenLoad Detection Source Current
30
–
100
A
(18)
VOLD(THRES) OFF OpenLoad Fault Detection Voltage Threshold
2.0
3.0
4.0
V
IOLD(ON_LED) ON OpenLoad Fault Detection Current Threshold with LED (VHS[0:3] =
VPWR -0.75 V
2.5
5.0
10
mA
IOLD(ON)
ON OpenLoad Fault Detection Current Threshold
• HS[0,1]
• HS[2,3]
80
55
360
165
660
330
mA
VOSD(THRES) Output Short to VPWR Detection Voltage Threshold
• Output programmed OFF
VPWR-1.2 VPWR-0.8 VPWR-0.4
V
VCL
Output Negative Clamp Voltage
•0.5 A < IHS[0:3] < 5.0 A, Output programmed OFF
-22
–
-16
V
TSD
Output Overtemperature Shutdown for 4.5 V < VPWR < 28 V
155
175
195
C
OCHI1_1
OCHI2_1
OC1_1
OC2_1
OC3_1
OC4_1
OCLO4_1
OCLO3_1
OCLO2_1
OCLO1_1
HS[2,3] Output Overcurrent Detection Levels (6.0 V < VHS[0:3] < 20 V)
38.8
23.2
21.8
17.3
14.7
12.2
9.2
5.8
4.6
2.9
50.8
31
27.3
22.9
19.2
15.8
11.9
7.6
6.3
4.1
62.8
38.8
32.8
28.4
23.7
19.4
14.5
9.3
8.0
5.3
A
CSR0_x
CSR1_x
HS[2,3] Current Sense Ratio (6.0 V < HS[2:3] < 20 V, CSNS < 5.0 V)
CSNS_ratio bit = 0
CSNS_ratio bit = 1
–
–
1/4670
1/27270
–
–
–
(19)
Notes
18.
Output OFF OpenLoad Detection Current is the current required to flow through the load for the purpose of detecting the existence of
an OpenLoad condition when the specific output is commanded OFF. Pull-up current is measured for VHS = VOLD(THRES)
19.
Current sense ratio = ICSNS / IHS[0:3]
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions 6.0 V
VPWR  20 V, 3.0 V  VDD  5.5 V, -40 C  TA  125 C, GND = 0 V, unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless
otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com