Electronic Components Datasheet Search
  English  ▼

X  

10XSC425 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 10XSC425
Description  Quad High Side Switch
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

10XSC425 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 10XSC425 Datasheet HTML 6Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 7Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 8Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 9Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 10Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 11Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 12Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 13Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
10XSC425
THERMAL RATINGS
TA
TJ
Operating Temperature
•Ambient
•Junction
-40 to 125
-40 to 150
C
(5)
TSTG
Storage Temperature
-55 to 150
C
THERMAL RESISTANCE
RJC
RJA
Thermal Resistance
• Junction to Case
• Junction to Ambient
<2.5
30
C/W
(7)
TSOLDER
Peak Pin Reflow Temperature During Solder Mounting
260
C
(8)
Notes
6.
To achieve high reliability over 10 years of continuous operation, the device's continuous operating junction temperature should not
exceed 125
C.
7.
Device mounted on a 2s2p test board per JEDEC JESD51-2. 15 °C/W of RθJA can be reached in a real application case (4 layers board).
8.
Pin soldering temperature limit is for 40 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
Table 3. Maximum Ratings (continued)
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or permanent
damage to the device.
Symbol
Ratings
Value
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com