Electronic Components Datasheet Search
  English  ▼

X  

10XSC425 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # 10XSC425
Description  Quad High Side Switch
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

10XSC425 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button 10XSC425 Datasheet HTML 20Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 21Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 22Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 23Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 24Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 25Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 26Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 27Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
Analog Integrated Circuit Device Data
24
Freescale Semiconductor
10XSC425
SPI INTERFACE CHARACTERISTICS(38)
fSPI
Maximum Frequency of SPI Operation
–
–
8.0
MHz
tWRSTB
Required Low State Duration for RSTB
10
–
–
s
(39)
tCSB
Rising Edge of CSB to Falling Edge of CSB (Required Setup Time)
–
–
1.0
s
(40)
tENBL
Rising Edge of RSTB to Falling Edge of CSB (Required Setup Time)
–
–
5.0
s
(40)
tLEAD
Falling Edge of CSB to Rising Edge of SCLK (Required Setup Time)
–
–
500
ns
(40)
tWSCLKh
Required High State Duration of SCLK (Required Setup Time)
–
–
50
ns
(40)
tWSCLKl
Required Low State Duration of SCLK (Required Setup Time)
–
–
50
ns
(40)
tLAG
Falling Edge of SCLK to Rising Edge of CSB (Required Setup Time)
–
–
60
ns
(40)
tSI(SU)
SI to Falling Edge of SCLK (Required Setup Time)
–
–
37
ns
(41)
tSI(HOLD)
Falling Edge of SCLK to SI (Required Setup Time)
–
–
49
ns
(41)
tRSO
SO Rise Time
•CL = 80 pF
–
–
13
ns
tFSO
SO Fall Time
•CL = 80 pF
–
–
13
ns
tRSI
SI, CSB, SCLK, Incoming Signal Rise Time
–
–
13
ns
(41)
tFSI
SI, CSB, SCLK, Incoming Signal Fall Time
–
–
13
ns
(41)
tSO(EN)
Time from Falling Edge of CSB to SO Low-impedance
–
–
60
ns
(42)
tSO(DIS)
Time from Rising Edge of CSB to SO High-impedance
–
–
60
ns
(43)
Notes
38.
Parameters guaranteed by design.
39.
RSTB low duration measured with outputs enabled and going to OFF or disabled condition.
40.
Maximum setup time required for the 10XSC425 is the minimum guaranteed time needed from the microcontroller.
41.
Rise and Fall time of incoming SI, CSB, and SCLK signals suggested for design consideration to prevent the occurrence of double
pulsing.
42.
Time required for output status data to be available for use at SO. 1.0 k
on pull-up on CSB.
43.
Time required for output status data to be terminated at SO. 1.0 k
on pull-up on CSB.
Table 5. Dynamic Electrical Characteristics (continued)
Characteristics noted under conditions 6.0 V
VPWR  20 V, 3.0 V  VDD  5.5 V, -40 C  TA  125 C, GND = 0 V, unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless
otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com