Electronic Components Datasheet Search
  English  ▼

X  

10XSC425 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # 10XSC425
Description  Quad High Side Switch
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

10XSC425 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button 10XSC425 Datasheet HTML 16Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 17Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 18Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 19Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 20Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 21Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 22Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 23Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
Analog Integrated Circuit Device Data
20
Freescale Semiconductor
10XSC425
POWER OUTPUT TIMING HS0 TO HS3 (CONTINUED)
tOC1_00
tOC2_00
tOC3_00
tOC4_00
tOC5_00
tOC6_00
tOC7_00
tOC1_01
tOC2_01
tOC3_01
tOC4_01
tOC5_01
tOC6_01
tOC7_01
tOC1_10
tOC2_10
tOC3_10
tOC4_10
tOC5_10
tOC6_10
tOC7_10
tOC1_11
tOC2_11
tOC3_11
tOC4_11
tOC5_11
tOC6_11
tOC7_11
HS[0,1] Output Overcurrent Time Step for 28W bit = 0
• OC[1:0] = 00 (slow by default)
• OC[1:0] = 01 (fast)
• OC[1:0] = 10 (medium)
• OC[1:0] = 11 (very slow)
4.40
1.62
2.10
2.88
4.58
10.16
73.2
1.10
0.40
0.52
0.72
1.14
2.54
18.2
2.20
0.81
1.05
1.44
2.29
5.08
36.6
8.8
3.2
4.2
5.7
9.1
20.3
146.4
6.30
2.32
3.00
4.12
6.56
14.52
104.6
1.57
0.58
0.75
1.03
1.64
3.63
26.1
3.15
1.16
1.50
2.06
3.28
7.26
52.3
12.6
4.6
6.0
8.2
13.1
29.0
209.2
8.02
3.00
3.90
5.36
8.54
18.88
134.0
2.00
0.75
0.98
1.34
2.13
4.72
34.0
4.01
1.50
1.95
2.68
4.27
9.44
68.0
16.4
21.4
7.8
10.7
17.0
37.7
272.0
ms
Table 5. Dynamic Electrical Characteristics (continued)
Characteristics noted under conditions 6.0 V
VPWR  20 V, 3.0 V  VDD  5.5 V, -40 C  TA  125 C, GND = 0 V, unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless
otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com