Electronic Components Datasheet Search
  English  ▼

X  

10XSC425 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 10XSC425
Description  Quad High Side Switch
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

10XSC425 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 10XSC425 Datasheet HTML 4Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 5Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 6Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 7Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 8Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 9Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 10Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 11Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
10XSC425
8, 25
GND
Ground
Ground
These pins, internally shorted, are the ground for the logic and analog circuitry
of the device. These ground pins must be also shorted in the board.
9, 33
VPWR
Power
Positive Power Supply This pin connects to the positive power supply and is the source of operational
power for the device. Pins 9 and 33 must be externally connected.
10, 11, 12,
13
HS3
Output
High Side Output
Protected 25 m
 high side power output pins to the load.
14, 15, 16
HS1
Output
High Side Output
Protected 10 m
 high side power output pins to the load.
17, 18, 19
HS0
Output
High Side Output
Protected 10 m
 high side power output pins to the load.
20, 21, 22,
23
HS2
Output
High Side Output
Protected 25 m
 high side power output pins to the load.
24
NC
N/A
No Connect
This pin may not be connected.
26
FSI
Input
Fail-safe Input
This input enables the watchdog timeout feature.
27
CSNS
Output
Output Current
Monitoring
This pin reports an analog value proportional to the designated HS[0:3] output
current or the temperature of the GND flag (pin 14). It is used externally to
generate a ground-referenced voltage for the microcontroller (MCU) . Current
recopy and temperature feedback is SPI programmable.
28
29
30
31
IN0
IN1
IN2
IN3
Input
Direct Inputs
Each direct input controls the device mode. The IN[0:3] high side input pins
are used to directly control HS0:HS3 high side output pins.
The PWM frequency can be generated from IN0 pin to PWM module in case
of external clock is set.
32
FSB
Output
Fault Status
(Active Low)
This pin is an open drain configured output requiring an external pull-up
resistor to VDD for fault reporting.
Table 2. 10XSC425 Pin Definitions (continued)
A functional description of each pin can be found in the Functional Pin Description section beginning on page 28.
Pin
Number
Pin Name
Pin
Function
Formal Name
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com