Electronic Components Datasheet Search
  English  ▼

X  

10XSC425 Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # 10XSC425
Description  Quad High Side Switch
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

10XSC425 Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button 10XSC425 Datasheet HTML 36Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 37Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 38Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 39Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 40Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 41Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 42Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 43Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
Analog Integrated Circuit Device Data
40
Freescale Semiconductor
10XSC425
6.3.7
Ground Disconnect Protection
In the event the 10XSC425 ground is disconnected from load ground, the device protects itself and safely turns OFF the output,
regardless of the state of the output at the time of disconnection (maximum VPWR = 16 V). A 10 k resistor needs to be added
between the MCU and each digital input pin, to ensure that the device turns off during ground disconnects and to prevent this pin
from exceeding maximum ratings.
6.3.8
Loss of Supply Lines
6.3.8.1
Loss of VDD
If the external VDD supply is disconnected (or not within specification: VDD < VDD(FAIL) with the VDD_FAIL_en bit set to a logic
[1]), all SPI register content is reset.
The outputs can still be driven by the direct inputs IN[0:3] if VPWR is within specified voltage range. The 10XSC425 uses the
battery input to power the output MOSFET-related current sense circuitry, and any other internal logic providing Fail-safe device
operation with no VDD supplied. In this state, the overtemperature, overcurrent, severe short-circuit, short to VPWR and OFF
OpenLoad circuitry, are fully operational with default values corresponding to all SPI bits. These are set to logic [0].
An unexpected Power-On Reset (
VSUPPLY(POR)) may occur at 4.8 V of VPWR. The extended battery voltage range specified from
4.0 to 28 V is reduced from 5.0 to 28 V. If the battery voltage drops below 5.0 V, the outputs will be turned off by the POR instead
of undervoltage (UV). In this case, the outputs will turn on again once the battery voltage recovers to a nominal voltage. The
counter of auto-retry will be also reset. So, it is recommended to command “off” the outputs when the battery voltage is below
5.0 V.
No current is conducted from VPWR to VDD.
6.3.8.2
Loss of VPWR
If the external VPWR supply is disconnected (or not within specification), the SPI configuration, reporting, and daisy chain features
are provided for RSTB to set to a logic [1] under VDD in nominal conditions. This fault condition can be diagnosed with a UV fault
in SPI STATR_s registers. The SPI pull-up and pull-down current sources are not operational. The previous device configuration
is maintained. No current is conducted from VDD to VPWR.
6.3.8.3
Loss of VPWR and VDD
If the external VPWR and VDD supplies are disconnected (or not within specification: (VDD and VPWR) < VSUPPLY(POR)), all SPI
register contents are reset with default values corresponding to all SPI bits set to logic [0] and all latched faults are reset.
6.3.9
EMC PERFORMANCES
All following tests are performed on a Freescale evaluation board, in accordance with the typical application schematic.
The device is protected, in case of positive and negative transients on the VPWR line (per ISO 7637-2).
The 10XSC425 successfully meets the Class 5 of the CISPR25 emission standard and 200 V/m or BCI 200 mA injection level
for immunity tests.
6.4
LOGIC COMMANDS AND REGISTERS
6.4.1
Serial Input Communication
SPI communication is accomplished using 16-bit messages. A message is transmitted by the MCU starting with the MSB D15
and ending with the LSB, D0 (Table 10). Each incoming command message on the SI pin can be interpreted using the following
bit assignments: the MSB, D15, is the watchdog bit (WDIN). In some cases, output selection is done with bits D14:D13. The next
three bits, D12:D10, are used to select the command register. The remaining nine bits, D8:D0, are used to configure and control
the outputs and their protection features.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com